Electronic Components Datasheet Search
  English  ▼

X  

AS8267 Datasheet(PDF) 98 Page - ams AG

Part # AS8267
Description  Single-Phase 2-Current Energy Measurement Integrated Circuits with Microcontroller, RTC, Programmable Multi-Purpose I/Os
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8267 Datasheet(HTML) 98 Page - ams AG

Back Button AS8267 Datasheet HTML 94Page - ams AG AS8267 Datasheet HTML 95Page - ams AG AS8267 Datasheet HTML 96Page - ams AG AS8267 Datasheet HTML 97Page - ams AG AS8267 Datasheet HTML 98Page - ams AG AS8267 Datasheet HTML 99Page - ams AG AS8267 Datasheet HTML 100Page - ams AG AS8267 Datasheet HTML 101Page - ams AG AS8267 Datasheet HTML 102Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 136 page
background image
Data Sheet AS8267 / AS8268
Revision 1.0, 19-Jun-07
Page 98 of 136
Memory Maps
The 8051 MCU is configured as Von Neumann architecture merging program and data range into one 64kB
address space. This space is completely accessible via MOVX and partly accessible via MOVC (0000h –
5FFFh). Besides, there is the typical 8051 structure with 128 bytes of internal memory (I_RAM) and the special
function registers (SFRs) also in a 128 byte address space.
SFRs
Direct addressing
FFh
80h
128 bytes
I_RAM
7Fh
00h
Internal Memory
unused
FFFFh
C000h
XDATA
Memory
Special
Function
Registers
unused
A000h
1kB X_RAM
32kB
FLASH
7FFFh
0000h
9000h
8000h
unused
9FFFh
MPIO
LCDD
DSP
SPI
RTC
SCT
9500h
9400h
9300h
9200h
9100h
9000h
Direct addressing
Register indirect
addressing
Register addressing
MOVX A, @DPTR
(4 banks)
MOVX @DPTR, A
Bit addressing
MOVC A, @A+PC
MOVC A, @A+DPTR
} only for 0000h – 7FFFh
MOVX @Ri, A
MOVXA, @Ri with Ri
ε {R0, R1},
P2 represents upper address bits
FLASH Memory
The Flash memory shares address and output data lines with the X_RAM. 32kB out of 64kB addressable
memory are used: 0000h – 7FFFh for program data storage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com