Electronic Components Datasheet Search
  English  ▼

X  

AS8267 Datasheet(PDF) 120 Page - ams AG

Part # AS8267
Description  Single-Phase 2-Current Energy Measurement Integrated Circuits with Microcontroller, RTC, Programmable Multi-Purpose I/Os
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8267 Datasheet(HTML) 120 Page - ams AG

Back Button AS8267 Datasheet HTML 116Page - ams AG AS8267 Datasheet HTML 117Page - ams AG AS8267 Datasheet HTML 118Page - ams AG AS8267 Datasheet HTML 119Page - ams AG AS8267 Datasheet HTML 120Page - ams AG AS8267 Datasheet HTML 121Page - ams AG AS8267 Datasheet HTML 122Page - ams AG AS8267 Datasheet HTML 123Page - ams AG AS8267 Datasheet HTML 124Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 136 page
background image
Data Sheet AS8267 / AS8268
Revision 1.0, 19-Jun-07
Page 120 of 136
Bit
Symbol Function
Mode
Bit7
Bit6
Mode 0: same as Mode 1, (Mode 0 is not implemented due to
standard 8051)
0
0
7
SM0
Mode 1: 8-bit UART1, variable Baudrate. - The serial transmission
is set to 8 data bits. However up to 10 bits can be sent at port
TxD
and received at port
RxD: start bit (always ‘0’), eight data bits (LSB
first), and a stop bit (always ‘1’). The value of a received stop bit is
transferred to SCON.RB8 and can be evaluated by the software.
0
1
Mode 2: 9-bit UART1, variable Baudrate. - The serial transmission
is set to 9 data bits. However up to 11 bits can be sent at port
TxD
and received at port
RxD: start bit (always ‘0’), nine data bits (LSB
first), and a stop bit (always ‘1’). The value of SCON.TB8 is used
for transmitting the ninth data bit (usually as parity bit). The value
of the received ninth data bit is transferred to SCON.RB8 and can
be evaluated by the software.
1
0
6
SM1
Mode select
flags
Mode 3: 9-bit UART1, variable Baudrate. – same as Mode 2.
1
1
5
SM2
Mode Select Flag 2: Enables the multiprocessor communications feature in Mode 2.
Mode 0: SM2 is not used.
Mode 1: When SM2=’1’, RI is not set and SBUF is not loaded if the received stop bit is ‘0’.
Mode 2: When SM2=’1’, RI is not set and SBUF is not loaded if the received ninth data bit is ‘0’. Please
refer also to section Multiprocessor Communications.
4
REN
Receiver Enable Flag. With REN=’0’ the receiver is disabled, otherwise enabled. REN is to be set and
cleared by the software.
3
TB8
Value of the ninth data bit to be sent when in mode 2.
2
RB8
Value of the ninth data bit received when in mode 2 or value of the stop bit received when in mode 1.
Not used in mode 0.
1
TI
Transmit Interrupt Flag. This flag is set by the UART1 at the end of transmitting. In mode 0 flag TI is set
at the end of the eighth data bit, in all others modes at the beginning of the stop bit. Flag TI must be
cleared by the software.
0
RI
Receive Interrupt Flag. This flag is set by the hardware at the end of receiving. In mode 0 flag RI is set
at the end of the eighth data bit, in mode 1 at the middle of the stop bit, and in mode 2 at the middle of
the ninth data bit. Flag RI must be cleared by the software.
Note:
1) Mode Select Flags 0/1: These bits are used to select one of four transmission modes. In all four modes the
baudrate is determined by the Baudrate Generator.
SBUF Registers
The 8-bit register SBUF is the data buffer register which actually consists of two registers for both transmitting
and receiving data. Both are accessed by the same address SBUF. A write access to SBUF is redirected into
the internal register TransmitSBUF, a read access to SBUF is redirected to the internal register ReceiveSBUF.
Remark: The (optional) ninth data bit is defined in SCON.TB8/RB8.
SBUF
MSB
LSB
Data 7
Data 6
Data 5
Data 4
Data 3
Data 2
Data 1
Data 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com