Electronic Components Datasheet Search
  English  ▼

X  

AS8267 Datasheet(PDF) 132 Page - ams AG

Part # AS8267
Description  Single-Phase 2-Current Energy Measurement Integrated Circuits with Microcontroller, RTC, Programmable Multi-Purpose I/Os
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8267 Datasheet(HTML) 132 Page - ams AG

Back Button AS8267 Datasheet HTML 128Page - ams AG AS8267 Datasheet HTML 129Page - ams AG AS8267 Datasheet HTML 130Page - ams AG AS8267 Datasheet HTML 131Page - ams AG AS8267 Datasheet HTML 132Page - ams AG AS8267 Datasheet HTML 133Page - ams AG AS8267 Datasheet HTML 134Page - ams AG AS8267 Datasheet HTML 135Page - ams AG AS8267 Datasheet HTML 136Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 132 / 136 page
background image
Data Sheet AS8267 / AS8268
Revision 1.0, 19-Jun-07
Page 132 of 136
Where fmains is the mains frequency and fOSC is the oscillator frequency.
Phase correction factor with a power factor (PF) of less than 1:
The meter has been calibrated at PF = 1 and the error is approximately 0 for Ical (calibration current). If the PF
is reduced, the effect of phase differences results in an increased error (‘phase_error’):
First, the related phase shift in degrees can be calculated using the following formula:
[ ]
°
−
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
°
×
⎟
⎠
⎞
⎜
⎝
⎛ +
=
60
60
cos
100
%
error
_
phase
1
cos
arc
shift
_
phase
Where the phase_error is the measured error in percentage and cosΦ is the phase angle.
For phase_error = 9.2[%] the phase_shift is 3.0°.
For fosc = 3.579545MHz and fmains = 50Hz one phase correction unit represents 2.41’, which is
0.04023°.
Thus the phase correction factor must be set to
units
57
.
74
04023
.
0
0
.
3
=
°
°
= 75 units.
The pcorr register has to be set to 4bh.
RMS values from the voltage (sos_v) and current (sos_i1 and sos_i2):
∑
=
=
nsamp
1
i
2
i
rms
V
nsamp
1
V
, where
∑
=
nsamp
1
i
2
i
V
is the sos_v value
∑
=
=
nsamp
1
i
2
i
rms
I
nsamp
1
I
,
where
∑
=
nsamp
1
i
2
iI
is the sos_i value
Where nsamp, the number of samples before an update rate of the MDR (meter data register), is selected to
achieve coherent sampling.
16-bit calibration values for the voltage (V) and current (I) channels:
The ideal values after RMS calculations of voltage (Vin of 100mVp at rated conditions) and current and (Iin of
30mVp at rated conditions when Gain = 20) are:
RMS_V(ideal) = 479 (rms)
RMS_I (ideal) = 292,100 (rms)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com