Electronic Components Datasheet Search
  English  ▼

X  

SN74AC596 Datasheet(PDF) 5 Page - Texas Instruments

Part # SN74AC596
Description  SN74AC596-Q1 Automotive 8-Bit Shift Register With Open-Drain Output Registers
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AC596 Datasheet(HTML) 5 Page - Texas Instruments

  SN74AC596 Datasheet HTML 1Page - Texas Instruments SN74AC596 Datasheet HTML 2Page - Texas Instruments SN74AC596 Datasheet HTML 3Page - Texas Instruments SN74AC596 Datasheet HTML 4Page - Texas Instruments SN74AC596 Datasheet HTML 5Page - Texas Instruments SN74AC596 Datasheet HTML 6Page - Texas Instruments SN74AC596 Datasheet HTML 7Page - Texas Instruments SN74AC596 Datasheet HTML 8Page - Texas Instruments SN74AC596 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
IOH
High-level output current(1)
VCC = 1.8V
-1
mA
VCC = 2.5V
-2
VCC = 3V
-12
VCC = 4.5V to 5.5V
-24
IOL
Low-level output current
VCC = 1.8V
1
mA
VCC = 2.5V
2
VCC = 3V
12
VCC = 4.5V to 5.5V
24
Δt/Δv
Input transition rise or fall rate
VCC = 1.5V to 3V
50
ns/V
VCC > 3V
20
TA
Operating free-air temperature
-40
125
°C
(1)
Applies to QH' output only.
5.4 Thermal Information
PACKAGE
PINS
THERMAL METRIC(1)
UNIT
RθJA
RθJC(top)
RθJB
ΨJT
ΨJB
RθJC(bot)
PW (TSSOP)
16
126.2
60.5
84.2
7.5
83.3
-
°C/W
BQB (WQFN)
16
91.2
95.1
61.4
18.0
61.2
38.0
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
note.
5.5 Electrical Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
-40°C to 125°C
UNIT
MIN
TYP
MAX
VOH (4)
IOH = -50µA
1.5V
1.4
1.499
V
1.8V
1.7
1.799
2.5V
2.4
2.499
3V
2.9
2.999
4.5V
4.4
4.499
5.5V
5.4
5.499
IOH = -1mA
1.8V
1.44
IOH = -2mA
2.5V
2
IOH = -4mA
3V
2.4
IOH = -12mA
3V
2.4
IOH = -24mA
4.5V
3.7
IOH = -24mA
5.5V
4.7
IOH = -75mA(3)
5.5V
3.85
www.ti.com
SN74AC596-Q1
SCASE43 – NOVEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: SN74AC596-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com