Electronic Components Datasheet Search
  English  ▼

X  

SN74AC596 Datasheet(PDF) 9 Page - Texas Instruments

Part # SN74AC596
Description  SN74AC596-Q1 Automotive 8-Bit Shift Register With Open-Drain Output Registers
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AC596 Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN74AC596 Datasheet HTML 5Page - Texas Instruments SN74AC596 Datasheet HTML 6Page - Texas Instruments SN74AC596 Datasheet HTML 7Page - Texas Instruments SN74AC596 Datasheet HTML 8Page - Texas Instruments SN74AC596 Datasheet HTML 9Page - Texas Instruments SN74AC596 Datasheet HTML 10Page - Texas Instruments SN74AC596 Datasheet HTML 11Page - Texas Instruments SN74AC596 Datasheet HTML 12Page - Texas Instruments SN74AC596 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
5.8 Typical Characteristics (continued)
TA = 25°C (unless otherwise noted)
IOL (mA)
0.5
1.5
2.5
3.5
4.5
5.5
6.5
7.5
0
0.008
0.016
0.024
0.032
0.04
0.048
0.056
0.064
0.072
0.08
1.8 V
2.5 V
3.3 V
5 V
Figure 5-5. Output Voltage vs Current in LOW State
IOH (mA)
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
4.24
4.32
4.4
4.48
4.56
4.64
4.72
4.8
4.88
4.96
5.04
25°C
125°C
-40°C
Figure 5-6. Output Voltage vs Current in HIGH State; 5V Supply
IOL (mA)
0
5
10
15
20
25
30
35
40
45
50
0
0.04
0.08
0.12
0.16
0.2
0.24
0.28
0.32
0.36
0.4
25°C
125°C
-40°C
Figure 5-7. Output Voltage vs Current in LOW State; 5V Supply
IOH (mA)
-12
-11
-10
-9
-8
-7
-6
-5
-4
-3
-2
-1
3.1
3.12
3.14
3.16
3.18
3.2
3.22
3.24
3.26
3.28
3.3
25°C
125°C
-40°C
Figure 5-8. Output Voltage vs Current in HIGH State; 3.3V
Supply
IOL (mA)
1
2
3
4
5
6
7
8
9
10
11
12
0
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
0.09
0.1
0.11
25°C
125°C
-40°C
Figure 5-9. Output Voltage vs Current in LOW State; 3.3V
Supply
IOH (mA)
-2
-1.8
-1.6
-1.4
-1.2
-1
-0.8
-0.6
-0.4
-0.2
2.46
2.464
2.468
2.472
2.476
2.48
2.484
2.488
2.492
2.496
2.5
25°C
125°C
-40°C
Figure 5-10. Output Voltage vs Current in HIGH State; 2.5V
Supply
www.ti.com
SN74AC596-Q1
SCASE43 – NOVEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: SN74AC596-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com