Electronic Components Datasheet Search
  English  ▼

X  

SN74AC596 Datasheet(PDF) 19 Page - Texas Instruments

Part # SN74AC596
Description  SN74AC596-Q1 Automotive 8-Bit Shift Register With Open-Drain Output Registers
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AC596 Datasheet(HTML) 19 Page - Texas Instruments

Back Button SN74AC596 Datasheet HTML 15Page - Texas Instruments SN74AC596 Datasheet HTML 16Page - Texas Instruments SN74AC596 Datasheet HTML 17Page - Texas Instruments SN74AC596 Datasheet HTML 18Page - Texas Instruments SN74AC596 Datasheet HTML 19Page - Texas Instruments SN74AC596 Datasheet HTML 20Page - Texas Instruments SN74AC596 Datasheet HTML 21Page - Texas Instruments SN74AC596 Datasheet HTML 22Page - Texas Instruments SN74AC596 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 35 page
background image
8.2.1.2 Input Considerations
Input signals must cross VIL(max) to be considered a logic LOW, and VIH(min) to be considered a logic HIGH. Do
not exceed the maximum input voltage range found in the Absolute Maximum Ratings.
Unused inputs must be terminated to either VCC or ground. The unused inputs can be directly terminated if the
input is completely unused, or they can be connected with a pull-up or pull-down resistor if the input will be used
sometimes, but not always. A pull-up resistor is used for a default state of HIGH, and a pull-down resistor is
used for a default state of LOW. The drive current of the controller, leakage current into the SN74AC596-Q1 (as
specified in the Electrical Characteristics), and the desired input transition rate limits the resistor size. A 10kΩ
resistor value is often used due to these factors.
The SN74AC596-Q1 has CMOS inputs and thus requires fast input transitions to operate correctly, as defined
in the Recommended Operating Conditions table. Slow input transitions can cause oscillations, additional power
consumption, and reduction in device reliability.
Refer to the Feature Description section for additional information regarding the inputs for this device.
8.2.1.3 Output Considerations
The positive supply voltage is used to produce the output HIGH voltage. Drawing current from the output will
decrease the output voltage as specified by the VOH specification in the Electrical Characteristics. The ground
voltage is used to produce the output LOW voltage. Sinking current into the output will increase the output
voltage as specified by the VOL specification in the Electrical Characteristics.
Push-pull outputs that could be in opposite states, even for a very short time period, should never be connected
directly together. This can cause excessive current and damage to the device.
Two channels within the same device with the same input signals can be connected in parallel for additional
output drive strength.
Open-drain outputs can be connected together directly to produce a wired-AND configuration or for additional
output drive strength.
Unused outputs can be left floating. Do not connect outputs directly to VCC or ground.
Refer to the Feature Description section for additional information regarding the outputs for this device.
www.ti.com
SN74AC596-Q1
SCASE43 – NOVEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: SN74AC596-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com