Electronic Components Datasheet Search
  English  ▼

X  

SN74AC596 Datasheet(PDF) 15 Page - Texas Instruments

Part # SN74AC596
Description  SN74AC596-Q1 Automotive 8-Bit Shift Register With Open-Drain Output Registers
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AC596 Datasheet(HTML) 15 Page - Texas Instruments

Back Button SN74AC596 Datasheet HTML 11Page - Texas Instruments SN74AC596 Datasheet HTML 12Page - Texas Instruments SN74AC596 Datasheet HTML 13Page - Texas Instruments SN74AC596 Datasheet HTML 14Page - Texas Instruments SN74AC596 Datasheet HTML 15Page - Texas Instruments SN74AC596 Datasheet HTML 16Page - Texas Instruments SN74AC596 Datasheet HTML 17Page - Texas Instruments SN74AC596 Datasheet HTML 18Page - Texas Instruments SN74AC596 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 35 page
background image
inputs to this device have both positive and negative clamping diodes as depicted in both previously referenced
figures.
CAUTION
Voltages beyond the values specified in the Absolute Maximum Ratings table can cause damage
to the device. The input and output voltage ratings may be exceeded if the input and output clamp-
current ratings are observed.
Figure 7-3. Electrical Placement of Clamping
Diodes for Each Input and Open-Drain Output
GND
Logic
Input
Output
VCC
Device
-IIK
+IIK
+IOK
-IOK
Figure 7-4. Electrical Placement of Clamping
Diodes for Each Input and Push-Pull Output
7.4 Device Functional Modes
Table 7-1 lists the functional modes of the SN74AC596-Q1. Outputs QA – QH are open-drain. Open-drain outputs
drive low when in the low (L) state, and enter the high-impedance (Z) state when set to the high (H) state.
Table 7-1. Function Table
INPUTS
FUNCTION
SER
SRCLK
SRCLR
RCLK
OE
X
X
X
X
H
Outputs QA – QH are disabled
X
X
X
X
L
Outputs QA – QH are enabled.
X
X
L
X
X
Shift register is cleared.
L
↑
H
X
X
First stage of the shift register goes low.
Other stages store the data of previous stage,
respectively.
H
↑
H
X
X
First stage of the shift register goes high.
Other stages store the data of previous stage,
respectively.
X
X
H
↑
X
Shift-register data is stored in the storage register.
X
↑
H
↑
X
Data in shift register is stored in the storage
register, the data is then shifted through.
www.ti.com
SN74AC596-Q1
SCASE43 – NOVEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
15
Product Folder Links: SN74AC596-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com