Electronic Components Datasheet Search
  English  ▼

X  

SN74AC596 Datasheet(PDF) 11 Page - Texas Instruments

Part # SN74AC596
Description  SN74AC596-Q1 Automotive 8-Bit Shift Register With Open-Drain Output Registers
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AC596 Datasheet(HTML) 11 Page - Texas Instruments

Back Button SN74AC596 Datasheet HTML 7Page - Texas Instruments SN74AC596 Datasheet HTML 8Page - Texas Instruments SN74AC596 Datasheet HTML 9Page - Texas Instruments SN74AC596 Datasheet HTML 10Page - Texas Instruments SN74AC596 Datasheet HTML 11Page - Texas Instruments SN74AC596 Datasheet HTML 12Page - Texas Instruments SN74AC596 Datasheet HTML 13Page - Texas Instruments SN74AC596 Datasheet HTML 14Page - Texas Instruments SN74AC596 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
6 Parameter Measurement Information
Phase relationships between waveforms were chosen arbitrarily for the examples listed in the following table. All
input pulses are supplied by generators having the following characteristics: PRR ≤ 1MHz, ZO = 50Ω, tt < 2.5ns.
For clock inputs, fmax is measured when the input duty cycle is 50%.
The outputs are measured individually with one input transition per measurement.
TEST
S1
RL
CL
ΔV
VCC
tPLZ, tPZL
CLOSED
1kΩ
50pF
0.15V
≤ 2.5V
tPLZ, tPZL
CLOSED
1kΩ
50pF
0.3V
> 2.5V
CL
(1)
RL
From Output
Under Test
VCC
Test
Point
S1
(1) CL includes probe and test-fixture capacitance.
Figure 6-1. Load Circuit for Open-Drain Outputs
CL
(1)
From Output
Under Test
Test
Point
(1) CL includes probe and test-fixture capacitance.
Figure 6-2. Load Circuit for Push-Pull Outputs
50%
tw
Input
50%
VCC
0 V
Figure 6-3. Voltage Waveforms, Pulse Duration
Clock
Input
50%
VCC
0 V
50%
50%
VCC
0 V
tsu
Data
Input
th
Figure 6-4. Voltage Waveforms, Setup and Hold
Times
50%
Input
50%
VCC
0 V
50%
50%
VOH
VOL
tPLH
(1)
tPHL
(1)
VOH
VOL
tPHL
(1)
tPLH
(1)
Output
Output
50%
50%
(1) The greater between tPLH and tPHL is the same as tpd.
Figure 6-5. Voltage Waveforms Propagation Delays
Input
50%
VOH
VOL
tPLZ
(1)
tPZL
(2)
VOH
VOL
tPZL
(2)
tPLZ
(1)
50%
50%
50%
VCC
0 V
10% VCC
Output
Output
10%
(1) tPLZ is the same as tdis.
(2) tPZL is the same as ten.
Figure 6-6. Voltage Waveforms Propagation Delays
www.ti.com
SN74AC596-Q1
SCASE43 – NOVEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: SN74AC596-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com