Electronic Components Datasheet Search
  English  ▼

X  

SN74AC596 Datasheet(PDF) 18 Page - Texas Instruments

Part # SN74AC596
Description  SN74AC596-Q1 Automotive 8-Bit Shift Register With Open-Drain Output Registers
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AC596 Datasheet(HTML) 18 Page - Texas Instruments

Back Button SN74AC596 Datasheet HTML 14Page - Texas Instruments SN74AC596 Datasheet HTML 15Page - Texas Instruments SN74AC596 Datasheet HTML 16Page - Texas Instruments SN74AC596 Datasheet HTML 17Page - Texas Instruments SN74AC596 Datasheet HTML 18Page - Texas Instruments SN74AC596 Datasheet HTML 19Page - Texas Instruments SN74AC596 Datasheet HTML 20Page - Texas Instruments SN74AC596 Datasheet HTML 21Page - Texas Instruments SN74AC596 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 35 page
background image
8.2.1 Design Requirements
8.2.1.1 Power Considerations
Ensure the desired supply voltage is within the range specified in the Recommended Operating Conditions.
The supply voltage sets the device's electrical characteristics of the device as described in the Electrical
Characteristics section.
The positive voltage supply must be capable of sourcing current equal to the total current to be sourced
by all outputs of the SN74AC596-Q1 plus the maximum static supply current, ICC, listed in the Electrical
Characteristics, and any transient current required for switching. The logic device can only source as much
current that is provided by the positive supply source. Ensure the maximum total current through VCC listed in
the Absolute Maximum Ratings is not exceeded.
The ground must be capable of sinking current equal to the total current to be sunk by all outputs of the
SN74AC596-Q1 plus the maximum supply current, ICC, listed in the Electrical Characteristics, and any transient
current required for switching. The logic device can only sink as much current that can be sunk into its ground
connection. Ensure the maximum total current through GND listed in the Absolute Maximum Ratings is not
exceeded.
The SN74AC596-Q1 can drive a load with a total capacitance less than or equal to 50pF while still meeting all of
the data sheet specifications. Larger capacitive loads can be applied; however, it is not recommended to exceed
50pF.
The SN74AC596-Q1 can drive a load with total resistance described by RL ≥ VO / IO, with the output voltage and
current defined in the Electrical Characteristics table with VOH and VOL. When outputting in the HIGH state, the
output voltage in the equation is defined as the difference between the measured output voltage and the supply
voltage at the VCC pin.
Total power consumption can be calculated using the information provided in CMOS Power Consumption and
Cpd Calculation.
Thermal increase can be calculated using the information provided in Thermal Characteristics of Standard Linear
and Logic (SLL) Packages and Devices.
CAUTION
The maximum junction temperature, TJ(max) listed in the Absolute Maximum Ratings, is an additional
limitation to prevent damage to the device. Do not violate any values listed in the Absolute Maximum
Ratings. These limits are provided to prevent damage to the device.
SN74AC596-Q1
SCASE43 – NOVEMBER 2024
www.ti.com
18
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: SN74AC596-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com