Electronic Components Datasheet Search
  English  ▼

X  

SN74AC596 Datasheet(PDF) 12 Page - Texas Instruments

Part # SN74AC596
Description  SN74AC596-Q1 Automotive 8-Bit Shift Register With Open-Drain Output Registers
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AC596 Datasheet(HTML) 12 Page - Texas Instruments

Back Button SN74AC596 Datasheet HTML 8Page - Texas Instruments SN74AC596 Datasheet HTML 9Page - Texas Instruments SN74AC596 Datasheet HTML 10Page - Texas Instruments SN74AC596 Datasheet HTML 11Page - Texas Instruments SN74AC596 Datasheet HTML 12Page - Texas Instruments SN74AC596 Datasheet HTML 13Page - Texas Instruments SN74AC596 Datasheet HTML 14Page - Texas Instruments SN74AC596 Datasheet HTML 15Page - Texas Instruments SN74AC596 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 35 page
background image
VOH
VOL
Output
VCC
0 V
Input
tf
(1)
tr
(1)
90%
10%
90%
10%
tr
(1)
90%
10%
tf
(1)
90%
10%
(1) The greater between tr and tf is the same as tt.
Figure 6-7. Voltage Waveforms, Input and Output Transition Times
SN74AC596-Q1
SCASE43 – NOVEMBER 2024
www.ti.com
12
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: SN74AC596-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com