Electronic Components Datasheet Search
  English  ▼

X  

SN74AC596 Datasheet(PDF) 13 Page - Texas Instruments

Part # SN74AC596
Description  SN74AC596-Q1 Automotive 8-Bit Shift Register With Open-Drain Output Registers
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AC596 Datasheet(HTML) 13 Page - Texas Instruments

Back Button SN74AC596 Datasheet HTML 9Page - Texas Instruments SN74AC596 Datasheet HTML 10Page - Texas Instruments SN74AC596 Datasheet HTML 11Page - Texas Instruments SN74AC596 Datasheet HTML 12Page - Texas Instruments SN74AC596 Datasheet HTML 13Page - Texas Instruments SN74AC596 Datasheet HTML 14Page - Texas Instruments SN74AC596 Datasheet HTML 15Page - Texas Instruments SN74AC596 Datasheet HTML 16Page - Texas Instruments SN74AC596 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
7 Detailed Description
7.1 Overview
Logic Diagram (Positive Logic) for the SN74HCS596 describes the SN74AC596-Q1, an 8-bit shift register that
feeds an 8-bit D-type storage register. Both the shift register clock (SRCLK) and storage register clock (RCLK)
are positive-edge triggered. If both clocks are connected together, the shift register always is one clock pulse
ahead of the storage register. Outputs QA through QH are controlled by the output enable (OE) input and have
open-drain outputs. The serial output QH’ is always active and has a push-pull output architecture.
7.2 Functional Block Diagram
RCLK
OE
SRCLR
SRCLK
SER
13
12
10
11
14
D
R
15
1
Q
A
Q
B
Q
C
Q
D
R
Q
D
Q
D
Q
2
Q
D
3
Q
E
4
Q
F
5
Q
G
6
D
R
7
9
Q
H’
Q
D
Q
Q
H
Figure 7-1. Logic Diagram (Positive Logic) for SN74AC596-Q1
7.3 Feature Description
7.3.1 Balanced CMOS Push-Pull Outputs
This device includes balanced CMOS push-pull outputs. The term balanced indicates that the device can sink
and source similar currents. The drive capability of this device may create fast edges into light loads, so routing
and load conditions should be considered to prevent ringing. Additionally, the outputs of this device are capable
of driving larger currents than the device can sustain without being damaged. It is important to limit the output
power of the device to avoid damage due to overcurrent. The electrical and thermal limits defined in the Absolute
Maximum Ratings must be followed at all times.
Unused push-pull CMOS outputs must be left disconnected.
7.3.2 Open-Drain CMOS Outputs
This device includes open-drain CMOS outputs. Open-drain outputs can only drive the output low. When in
the high logical state, open-drain outputs will be in a high-impedance state. The drive capability of this device
may create fast edges into light loads, so routing and load conditions should be considered to prevent ringing.
Additionally, the outputs of this device are capable of driving larger currents than the device can sustain without
www.ti.com
SN74AC596-Q1
SCASE43 – NOVEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: SN74AC596-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com