Electronic Components Datasheet Search
  English  ▼

X  

SN74AC596 Datasheet(PDF) 8 Page - Texas Instruments

Part # SN74AC596
Description  SN74AC596-Q1 Automotive 8-Bit Shift Register With Open-Drain Output Registers
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AC596 Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN74AC596 Datasheet HTML 4Page - Texas Instruments SN74AC596 Datasheet HTML 5Page - Texas Instruments SN74AC596 Datasheet HTML 6Page - Texas Instruments SN74AC596 Datasheet HTML 7Page - Texas Instruments SN74AC596 Datasheet HTML 8Page - Texas Instruments SN74AC596 Datasheet HTML 9Page - Texas Instruments SN74AC596 Datasheet HTML 10Page - Texas Instruments SN74AC596 Datasheet HTML 11Page - Texas Instruments SN74AC596 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
CL = 50 pF; over operating free-air temperature range; typical values measured at TA = 25°C (unless otherwise noted)
PARAMETER
FROM (INPUT)
TO (OUTPUT)
VCC
-40°C to 125°C
UNIT
MIN
TYP
MAX
tplh
SRCLK
QH'
3.3V
9.5
14.2
ns
tphl
SRCLK
QH'
3.3V
9.6
14.1
ns
tphl
SRCLR
QH'
3.3V
9.2
13.1
ns
tplh
RCLK
QA-QH
5V
4.4
6.3
ns
tphl
RCLK
QA-QH
5V
7.8
11.4
ns
tplh
SRCLK
QH'
5V
7
10.2
ns
tphl
SRCLK
QH'
5V
7.1
10.1
ns
tphl
SRCLR
QH'
5V
6.9
9.5
ns
5.8 Typical Characteristics
TA = 25°C (unless otherwise noted)
VIN (V)
0
0.25
0.5
0.75
1
1.25
1.5
1.75
2
2.25
2.5
0
15
30
45
60
75
90
105
120
135
150
1.8 V
2.5 V
Figure 5-1. Supply Current Across Input Voltage 1.8V and 2.5V
Supply
VIN (V)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
0
100
200
300
400
500
600
700
800
900
1000
3.3 V
5 V
Figure 5-2. Supply Current Across Input Voltage 3.3V and 5.0V
Supply
VCC (V)
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
0
10
20
30
40
50
60
70
80
90
100
25 °C
125 °C
-40 °C
Figure 5-3. Supply Current Across Supply Voltage
IOH (mA)
-8
-7
-6
-5
-4
-3
-2
-1
1.5
1.8
2.1
2.4
2.7
3
3.3
3.6
3.9
4.2
4.5
4.8
5.1
1.8 V
2.5 V
3.3 V
5 V
Figure 5-4. Output Voltage vs Current in HIGH State
SN74AC596-Q1
SCASE43 – NOVEMBER 2024
www.ti.com
8
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: SN74AC596-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com