Electronic Components Datasheet Search
  English  ▼

X  

SN74AC596 Datasheet(PDF) 7 Page - Texas Instruments

Part # SN74AC596
Description  SN74AC596-Q1 Automotive 8-Bit Shift Register With Open-Drain Output Registers
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AC596 Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN74AC596 Datasheet HTML 3Page - Texas Instruments SN74AC596 Datasheet HTML 4Page - Texas Instruments SN74AC596 Datasheet HTML 5Page - Texas Instruments SN74AC596 Datasheet HTML 6Page - Texas Instruments SN74AC596 Datasheet HTML 7Page - Texas Instruments SN74AC596 Datasheet HTML 8Page - Texas Instruments SN74AC596 Datasheet HTML 9Page - Texas Instruments SN74AC596 Datasheet HTML 10Page - Texas Instruments SN74AC596 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
DESCRIPTION
CONDITION
VCC
-40°C to 125°C
UNIT
MIN
MAX
tw
Pulse duration
SRCLR low
2.5V
2.5
ns
tsu
Setup time
SER before SRCLK↑
2.5V
2.1
ns
tsu
Setup time
SRCLK↑ before RCLK↑
2.5V
6.2
ns
tsu
Setup time
SRCLR low before RCLK↑
2.5V
4.2
ns
tsu
Setup time
SRCLR high (inactive) before SRCLK↑
2.5V
0
ns
th
Hold time
SER after SRCLK↑
2.5V
1.7
ns
fclock
Clock frequency
3.3V
55
MHz
tw
Pulse duration
RCLK or SRCLK high or low
3.3V
2.4
ns
tw
Pulse duration
SRCLR low
3.3V
1.8
ns
tsu
Setup time
SER before SRCLK↑
3.3V
1.4
ns
tsu
Setup time
SRCLK↑ before RCLK↑
3.3V
3.9
ns
tsu
Setup time
SRCLR low before RCLK↑
3.3V
2.7
ns
tsu
Setup time
SRCLR high (inactive) before SRCLK↑
3.3V
0.1
ns
th
Hold time
SER after SRCLK↑
3.3V
1.2
ns
fclock
Clock frequency
5V
92
MHz
tw
Pulse duration
RCLK or SRCLK high or low
5V
1.5
ns
tw
Pulse duration
SRCLR low
5V
1.2
ns
tsu
Setup time
SER before SRCLK↑
5V
0.8
ns
tsu
Setup time
SRCLK↑ before RCLK↑
5V
2.4
ns
tsu
Setup time
SRCLR low before RCLK↑
5V
1.7
ns
tsu
Setup time
SRCLR high (inactive) before SRCLK↑
5V
0.1
ns
th
Hold time
SER after SRCLK↑
5V
0.9
ns
5.7 Switching Characteristics
CL = 50 pF; over operating free-air temperature range; typical values measured at TA = 25°C (unless otherwise noted)
PARAMETER
FROM (INPUT)
TO (OUTPUT)
VCC
-40°C to 125°C
UNIT
MIN
TYP
MAX
tplh
RCLK
QA-QH
1.5V
20.5
31.1
ns
tphl
RCLK
QA-QH
1.5V
27.5
43.6
ns
tplh
SRCLK
QH'
1.5V
25
40.1
ns
tphl
SRCLK
QH'
1.5V
25.4
39.9
ns
tphl
SRCLR
QH'
1.5V
22.8
35.1
ns
tplh
RCLK
QA-QH
1.8V
14.8
21.8
ns
tphl
RCLK
QA-QH
1.8V
19.8
30.8
ns
tplh
SRCLK
QH'
1.8V
17.8
27.8
ns
tphl
SRCLK
QH'
1.8V
18.5
28.4
ns
tphl
SRCLR
QH'
1.8V
16.8
25.5
ns
tplh
RCLK
QA-QH
2.5V
7.6
11.6
ns
tphl
RCLK
QA-QH
2.5V
13.1
20
ns
tplh
SRCLK
QH'
2.5V
11.5
17.4
ns
tphl
SRCLK
QH'
2.5V
11.6
17.3
ns
tphl
SRCLR
QH'
2.5V
10.8
15.9
ns
tplh
RCLK
QA-QH
3.3V
6.2
9.3
ns
tphl
RCLK
QA-QH
3.3V
10.9
16.2
ns
www.ti.com
SN74AC596-Q1
SCASE43 – NOVEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: SN74AC596-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com