| Electronic Components Datasheet Search |
|
TMPR4951B Datasheet(PDF) 68 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMPR4951B Datasheet(HTML) 68 Page - Toshiba Semiconductor |
|
68 / 256 page ![]() Chapter 3 TX49/L3 Core’s Registers 3-14 Bit Field Description Cold Reset Read/Write 21 0 Reserved 0 Read 20 SR 1: Indicates NMI has occurred. 0 Read/Write 19 0 Reserved 0 Read 18 CH “Hit” or “miss” indication for last CACHE Hit Invalidate, Hit Write Back Invalidate, Hit Write Back for a primary cache. 0: miss, 1: hit. 0 Read/Write 17:16 0 Reserved 0x0 Read 15:8 IM Interrupt Mask Controls the enabling of each of the external, internal and software interrupts. An interrupt is taken if interrupts are enabled, and the corresponding bits are set in both the IM field of the Status register and the IP field of the Cause register. 0: disabled, 0: enabled 0x0 Read/Write 7 KX Enables 64-bit addressing in Kernel mode. The extended- addressing TLB refill exception is used for TLB misses on kernel addresses. 0: 32-bit, 1: 64-bit 0 Read/Write 6 SX Enables 64-bit addressing and operations in Supervisor mode. The extended-addressing TLB refill exception is used for TLB misses on supervisor addresses. 0: 32-bit, 1: 64-bit 0 Read/Write 5 UX Enables 64-bit addressing and operations in User mode. The extended-addressing TLB refill exception is used for TLB misses on user addresses. 0: 32-bit, 1: 64-bit 0 Read/Write 4:3 KSU Mode. 10: user, 01: supervisor, 00: kernel. 0x0 Read/Write 2 ERL Error Level. 0: normal, 1: error. 1 Read/Write 1 EXL Exception Level. 0: normal, 1: exception. 0 Read/Write 0 IE Interrupt Enable. 0: disable, 1: enable. 0 Read/Write |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |