Electronic Components Datasheet Search
  English  ▼

X  

TMPR4951B Datasheet(PDF) 95 Page - Toshiba Semiconductor

Part # TMPR4951B
Description  64-Bit TX System RISC TX49 Family
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4951B Datasheet(HTML) 95 Page - Toshiba Semiconductor

Back Button TMPR4951B Datasheet HTML 91Page - Toshiba Semiconductor TMPR4951B Datasheet HTML 92Page - Toshiba Semiconductor TMPR4951B Datasheet HTML 93Page - Toshiba Semiconductor TMPR4951B Datasheet HTML 94Page - Toshiba Semiconductor TMPR4951B Datasheet HTML 95Page - Toshiba Semiconductor TMPR4951B Datasheet HTML 96Page - Toshiba Semiconductor TMPR4951B Datasheet HTML 97Page - Toshiba Semiconductor TMPR4951B Datasheet HTML 98Page - Toshiba Semiconductor TMPR4951B Datasheet HTML 99Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 256 page
background image
Chapter 4 Memory Management System
4-13
32-bit Kernel Mode, Kernel Space 1 (kseg1)
In Kernel mode, when KX = 0 in the Status register and the most-significant three bits of the 32-
bit virtual address are 1012, 32-bit kseg1 virtual address space is selected; it is the 2
29 bytes (512
Mbytes) kernel physical space. References to kseg1 are not mapped through the TLB; the physical
address selected is defined by subtracting 0xA000 0000 from the virtual address. Caches are
disabled for accesses to these addresses, and physical memory (or memory-mapped I/O device
registers) are accessed directly.
32-bit Kernel Mode, Supervisor Space (ksseg)
In Kernel mode, when KX
= 0 in the Status register and the most-significant three bits of the 32-
bit virtual address are 1102, the ksseg virtual address space is selected; it is the current 2
29 bytes
(512 Mbytes) supervisor virtual space. The virtual address is extended with the contents of the 8-
bit ASID field to form a unique virtual address.
32-bit Kernel Mode, Kernel Space 3 (kseg3)
In Kernel mode, when KX = 0 in the Status register and the most-significant three bits of the 32-
bit vital address are 1112, the kseg3 virtual address space is selected; it is the current 2
29 bytes (512
Mbytes-4 Mbytes) kernel virtual space. The virtual address is extended with the contents of the 8-
bit ASID field to form a unique virtual address.
Note:
These is the 4 Mbytes Reserved area, begin at virtual address 0xFF00_0000 and runs
through 0xFF3F_FFFF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com