Electronic Components Datasheet Search
  English  ▼

X  

TMPR4951B Datasheet(PDF) 69 Page - Toshiba Semiconductor

Part # TMPR4951B
Description  64-Bit TX System RISC TX49 Family
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4951B Datasheet(HTML) 69 Page - Toshiba Semiconductor

Back Button TMPR4951B Datasheet HTML 65Page - Toshiba Semiconductor TMPR4951B Datasheet HTML 66Page - Toshiba Semiconductor TMPR4951B Datasheet HTML 67Page - Toshiba Semiconductor TMPR4951B Datasheet HTML 68Page - Toshiba Semiconductor TMPR4951B Datasheet HTML 69Page - Toshiba Semiconductor TMPR4951B Datasheet HTML 70Page - Toshiba Semiconductor TMPR4951B Datasheet HTML 71Page - Toshiba Semiconductor TMPR4951B Datasheet HTML 72Page - Toshiba Semiconductor TMPR4951B Datasheet HTML 73Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 256 page
background image
Chapter 3 TX49/L3 Core’s Registers
3-15
Status Register Modes and Access States
Fields of the Status register set the modes and access states described in the section that follow.
•
Interrupt Enable: Interrupts are enabled when all of the following conditions are met:
•
IE = 1
•
EXL = 0
•
ERL = 0
If these conditions are met, the settings of the IM bits enable the interrupt.
Operation Modes: The following CPU Status register bit settings are required for User, Kernel and
Supervisor modes (see Section 4.2, Operation Modes, for more information about operating
modes).
•
The processor is in User mode when KSU = 102, EXL = 0, and ERL = 0.
•
The processor is in Supervisor mode when KSU = 012, EXL = 0 and ERL = 0.
•
The processor is in Kernel mode when KSU = 002, or EXL= 1, or ERL =1.
32- and 64-bit Modes: The following CPU Status register settings select 32- or 64-bit operation for
User, Kernel, and Supervisor operating modes. Enabling 64-bit operation permits the execution of
64-bit opcodes and translation of 64-bit addresses. 64-bit operation for User, Kernel and
Supervisor modes can be set independently.
•
64-bit addressing for Kernel mode is enabled when KX = 1. 64-bit operations are always
valid in Kernel mode.
•
64-bit addressing and operations are enabled for Supervisor mode when SX = 1.
•
64-bit addressing and operations are enabled for User mode when UX = 1.
Kernel Address Space Accesses: Access to the kernel address space is allowed when the processor
is in Kernel mode.
Supervisor Address Space Accesses: Access to the supervisor address space is allowed when the
processor is in Kernel or Supervisor mode, as described above in the section above titled
Operating Modes.
User Address Space Accesses: Access to the user address is allowed in any of the three operating
modes.
Status Register Reset
The contents of the Status register are undefined at reset, except for the following bits in the
Diagnostic Status field:
•
ERL and BEV = 1
The SR bit distinguishes between the Reset exception and the Soft Reset exception (caused by
Nonmaskable Interrupt [NMI]).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com