Electronic Components Datasheet Search
  English  ▼

X  

AM69 Datasheet(PDF) 112 Page - Texas Instruments

Part # AM69
Description  AM69x Processors, Silicon Revision 1.0
PDF  326 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM69 Datasheet(HTML) 112 Page - Texas Instruments

Back Button AM69 Datasheet HTML 108Page - Texas Instruments AM69 Datasheet HTML 109Page - Texas Instruments AM69 Datasheet HTML 110Page - Texas Instruments AM69 Datasheet HTML 111Page - Texas Instruments AM69 Datasheet HTML 112Page - Texas Instruments AM69 Datasheet HTML 113Page - Texas Instruments AM69 Datasheet HTML 114Page - Texas Instruments AM69 Datasheet HTML 115Page - Texas Instruments AM69 Datasheet HTML 116Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 326 page
background image
Table 5-43. MCSPI1 Signal Descriptions (continued)
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALY PIN [4]
AND PIN [4]
SPI1_CS2
IO
SPI Chip Select 2
AB34
F29
SPI1_CS3
IO
SPI Chip Select 3
AH34
G30
SPI1_D0
IO
SPI Data 0
AA33
F28
SPI1_D1
IO
SPI Data 1
AB36
E32
Table 5-44. MCSPI2 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALY PIN [4]
AND PIN [4]
SPI2_CLK
IO
SPI Clock
AD34
M32
SPI2_CS0
IO
SPI Chip Select 0
AJ36
L33
SPI2_CS1
IO
SPI Chip Select 1
AF35
P30
SPI2_CS2
IO
SPI Chip Select 2
AF37
F32
SPI2_CS3
IO
SPI Chip Select 3
AG37
H32
SPI2_D0
IO
SPI Data 0
AF34
U31
SPI2_D1
IO
SPI Data 1
AE34
M33
Table 5-45. MCSPI3 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALY PIN [4]
AND PIN [4]
SPI3_CLK
IO
SPI Clock
AD38
H29
SPI3_CS0
IO
SPI Chip Select 0
AD33
N32
SPI3_CS1
IO
SPI Chip Select 1
AJ38
F31
SPI3_CS2
IO
SPI Chip Select 2
AF36
K33
SPI3_CS3
IO
SPI Chip Select 3
AC34
U32
SPI3_D0
IO
SPI Data 0
AC32
G31
SPI3_D1
IO
SPI Data 1
AC37
J31
Table 5-46. MCSPI5 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALY PIN [4]
AND PIN [4]
SPI5_CLK
IO
SPI Clock
AJ38
F31
SPI5_CS0
IO
SPI Chip Select 0
AE38
G29
SPI5_CS1
IO
SPI Chip Select 1
AF38
N33
SPI5_CS2
IO
SPI Chip Select 2
AD37
P33
SPI5_CS3
IO
SPI Chip Select 3
AE37
G32
SPI5_D0
IO
SPI Data 0
AH38
H31
SPI5_D1
IO
SPI Data 1
AF36
K33
Table 5-47. MCSPI6 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALY PIN [4]
AND PIN [4]
SPI6_CLK
IO
SPI Clock
AK37
E33
SPI6_CS0
IO
SPI Chip Select 0
AJ34
T30
SPI6_CS1
IO
SPI Chip Select 1
AH37
F33
SPI6_CS2
IO
SPI Chip Select 2
AK34
J32
SPI6_CS3
IO
SPI Chip Select 3
AG38
H30
SPI6_D0
IO
SPI Data 0
AD36
L31
SPI6_D1
IO
SPI Data 1
AC33
G28
AM69A, AM69
SPRSP92D – FEBRUARY 2023 – REVISED DECEMBER 2024
www.ti.com
112
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: AM69A AM69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com