| Electronic Components Datasheet Search |
|
AM69 Datasheet(PDF) 114 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM69 Datasheet(HTML) 114 Page - Texas Instruments |
|
114 / 326 page ![]() Table 5-52. UART1 Signal Descriptions (continued) SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ALY PIN [4] AND PIN [4] UART1_RTSn O UART Request to Send (active low) AE36, AM35 R32, V30 UART1_RXD I UART Receive Data AD37 P33 UART1_TXD O UART Transmit Data AE37 G32 Table 5-53. UART2 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ALY PIN [4] AND PIN [4] UART2_CTSn I UART Clear to Send (active low) AD36 L31 UART2_RTSn O UART Request to Send (active low) AJ32 J33 UART2_RXD I UART Receive Data AB34, AF38, AM35 F29, N33, V30 UART2_TXD O UART Transmit Data AA33, AE38, AM36 F28, G29, W31 Table 5-54. UART3 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ALY PIN [4] AND PIN [4] UART3_CTSn I UART Clear to Send (active low) AJ38 F31 UART3_RTSn O UART Request to Send (active low) AH38 H31 UART3_RXD I UART Receive Data AC33, AD36, AR38 AA32, G28, L31 UART3_TXD O UART Transmit Data AH37, AJ32, AN37 F33, J33, W30 Table 5-55. UART4 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ALY PIN [4] AND PIN [4] UART4_CTSn I UART Clear to Send (active low) AB38, AG35, AK33 D33, H33, T33 UART4_RTSn O UART Request to Send (active low) AB36, AC34, AH36 E32, L32, U32 UART4_RXD I UART Receive Data AB34, AE35, AF37, AL34 F29, F32, M31, N31 UART4_TXD O UART Transmit Data AA33, AC35, AF33, AG37 F28, H32, N30, T31 Table 5-56. UART5 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ALY PIN [4] AND PIN [4] UART5_CTSn I UART Clear to Send (active low) AB34, AJ36 F29, L33 UART5_RTSn O UART Request to Send (active low) AA33, AF34 F28, U31 UART5_RXD I UART Receive Data AC38, AF35, AJ33 F30, P30, T29 UART5_TXD O UART Transmit Data AA32, AD34, AG36 E30, M32, P29 Table 5-57. UART6 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ALY PIN [4] AND PIN [4] UART6_CTSn I UART Clear to Send (active low) AF38 N33 UART6_RTSn O UART Request to Send (active low) AE38 G29 UART6_RXD I UART Receive Data AC36, AG33, AK37 E33, K32, R33 UART6_TXD O UART Transmit Data AE36, AH33, AJ37 G33, R32, T32 Table 5-58. UART7 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ALY PIN [4] AND PIN [4] UART7_CTSn I UART Clear to Send (active low) AB34 F29 UART7_RTSn O UART Request to Send (active low) AA33 F28 UART7_RXD I UART Receive Data AC38, AJ36, AL32 F30, L33, P32 AM69A, AM69 SPRSP92D – FEBRUARY 2023 – REVISED DECEMBER 2024 www.ti.com 114 Submit Document Feedback Copyright © 2024 Texas Instruments Incorporated Product Folder Links: AM69A AM69 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |