Electronic Components Datasheet Search
  English  ▼

X  

AM69 Datasheet(PDF) 115 Page - Texas Instruments

Part # AM69
Description  AM69x Processors, Silicon Revision 1.0
PDF  326 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM69 Datasheet(HTML) 115 Page - Texas Instruments

Back Button AM69 Datasheet HTML 111Page - Texas Instruments AM69 Datasheet HTML 112Page - Texas Instruments AM69 Datasheet HTML 113Page - Texas Instruments AM69 Datasheet HTML 114Page - Texas Instruments AM69 Datasheet HTML 115Page - Texas Instruments AM69 Datasheet HTML 116Page - Texas Instruments AM69 Datasheet HTML 117Page - Texas Instruments AM69 Datasheet HTML 118Page - Texas Instruments AM69 Datasheet HTML 119Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 326 page
background image
Table 5-58. UART7 Signal Descriptions (continued)
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALY PIN [4]
AND PIN [4]
UART7_TXD
O
UART Transmit Data
AA32, AF34, AJ34
E30, T30, U31
Table 5-59. UART8 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALY PIN [4]
AND PIN [4]
UART8_CTSn
I
UART Clear to Send (active low)
AF37
F32
UART8_RTSn
O
UART Request to Send (active low)
AG37
H32
UART8_RXD
I
UART Receive Data
AB38, AE34, AK35,
AP38
D33, J30, M33, Y32
UART8_TXD
O
UART Transmit Data
AB36, AK38, AL33,
AN38
E32, K31, P31, V31
Table 5-60. UART9 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALY PIN [4]
AND PIN [4]
UART9_CTSn
I
UART Clear to Send (active low)
AK33, AK37
E33, H33
UART9_RTSn
O
UART Request to Send (active low)
AC34, AJ34
T30, U32
UART9_RXD
I
UART Receive Data
AC32, AG34
G31, R29
UART9_TXD
O
UART Transmit Data
AC37, AK36
J31, R30
5.3.8.2 MCU Domain
Table 5-61. MCU_UART0 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALY PIN [4]
AND PIN [4]
MCU_UART0_CTSn
I
UART Clear to Send (active low)
F33, H37
A10, D15
MCU_UART0_RTSn
O
UART Request to Send (active low)
G33, K37
A9, C16
MCU_UART0_RXD
I
UART Receive Data
D31, K38, M38
B11, B21, D21
MCU_UART0_TXD
O
UART Transmit Data
G31, J37, L33
A11, B18, D17
5.3.8.3 WKUP Domain
Table 5-62. WKUP_UART0 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALY PIN [4]
AND PIN [4]
WKUP_UART0_CTSn
I
UART Clear to Send (active low)
L37
B15
WKUP_UART0_RTSn
O
UART Request to Send (active low)
L36
B17
WKUP_UART0_RXD
I
UART Receive Data
K35
C20
WKUP_UART0_TXD
O
UART Transmit Data
K34
C19
5.3.9 MDIO
5.3.9.1 MAIN Domain
Table 5-63. MDIO0 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALY PIN [4]
AND PIN [4]
MDIO0_MDC
O
MDIO Clock
AD38
H29
MDIO0_MDIO
IO
MDIO Data
AD33
N32
Table 5-64. MDIO1 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALY PIN [4]
AND PIN [4]
MDIO1_MDC
O
MDIO Clock
AE37
G32
MDIO1_MDIO
IO
MDIO Data
AC36
K32
www.ti.com
AM69A, AM69
SPRSP92D – FEBRUARY 2023 – REVISED DECEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
115
Product Folder Links: AM69A AM69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com