Electronic Components Datasheet Search
  English  ▼

X  

AM69 Datasheet(PDF) 120 Page - Texas Instruments

Part # AM69
Description  AM69x Processors, Silicon Revision 1.0
PDF  326 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM69 Datasheet(HTML) 120 Page - Texas Instruments

Back Button AM69 Datasheet HTML 116Page - Texas Instruments AM69 Datasheet HTML 117Page - Texas Instruments AM69 Datasheet HTML 118Page - Texas Instruments AM69 Datasheet HTML 119Page - Texas Instruments AM69 Datasheet HTML 120Page - Texas Instruments AM69 Datasheet HTML 121Page - Texas Instruments AM69 Datasheet HTML 122Page - Texas Instruments AM69 Datasheet HTML 123Page - Texas Instruments AM69 Datasheet HTML 124Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 326 page
background image
Table 5-80. EPWM3 Signal Descriptions (continued)
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALY PIN [4]
AND PIN [4]
EHRPWM3_SYNCI
I
Sync Input to EHRPWM module from an
external pin
AH36
L32
EHRPWM3_SYNCO
O
Sync Output to EHRPWM module to an
external pin
AG35
T33
Table 5-81. EPWM4 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALY PIN [4]
AND PIN [4]
EHRPWM4_A
IO
EHRPWM Output A
AB34, AJ36, AM36
F29, L33, W31
EHRPWM4_B
IO
EHRPWM Output B
AH37
F33
Table 5-82. EPWM5 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALY PIN [4]
AND PIN [4]
EHRPWM5_A
IO
EHRPWM Output A
AB38, AG38
D33, H30
EHRPWM5_B
IO
EHRPWM Output B
AK34
J32
5.3.16 USB
5.3.16.1 MAIN Domain
Table 5-83. USB0 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALY PIN [4]
AND PIN [4]
USB0_DM
IO
USB 2.0 Differential Data (negative)
AP16
AH16
USB0_DP
IO
USB 2.0 Differential Data (positive)
AP17
AH17
USB0_DRVVBUS
O
USB VBUS Control Output (active high)
AE35, AL32, AN37
M31, P32, W30
USB0_ID
A
USB 2.0 Dual-Role Device Role Select
AN17
AH20
USB0_RCALIB (2)
A
Pin to connect to calibration resistor
AN18
AH22
USB0_VBUS (3)
A
USB Level-shifted VBUS Detector
AN15
AG19
USB0_SSRX1N (1)
I
SERDES_USB Differential Receive Data
(negative)
AR11, AR17
AK23, AN15
USB0_SSRX1P (1)
I
SERDES_USB Differential Receive Data
(positive)
AR12, AR18
AK24, AN14
USB0_SSRX2N (1)
I
SERDES_USB Differential Receive Data
(negative)
AU11, AU17
AL17, AM21
USB0_SSRX2P (1)
I
SERDES_USB Differential Receive Data
(positive)
AU12, AU18
AL16, AM22
USB0_SSTX1N (1)
O
SERDES_USB Differential Transmit Data
(negative)
AT16, AV9
AM16, AN20
USB0_SSTX1P (1)
O
SERDES_USB Differential Transmit Data
(positive)
AT17, AV10
AM15, AN21
USB0_SSTX2N (1)
O
SERDES_USB Differential Transmit Data
(negative)
AV12, AV18
AK18, AL22
USB0_SSTX2P (1)
O
SERDES_USB Differential Transmit Data
(positive)
AV13, AV19
AK17, AL23
(1)
Only a subset of the pin multiplexing options are supported for this signal on AM69A94, AM6954 devices. Please refer to Device
Comparison and Pin Attributes table for the complete list of supported IP and signals.
(2)
An external 500 Ω ±1% resistor must be connected between this pin and VSS, even when the pin is unused
(3)
An external resistor divider is required to limit the voltage applied to the device pin. For more information, see USB VBUS Design
Guidelines.
AM69A, AM69
SPRSP92D – FEBRUARY 2023 – REVISED DECEMBER 2024
www.ti.com
120
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: AM69A AM69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com