Electronic Components Datasheet Search
  English  ▼

X  

AM69 Datasheet(PDF) 123 Page - Texas Instruments

Part # AM69
Description  AM69x Processors, Silicon Revision 1.0
PDF  326 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM69 Datasheet(HTML) 123 Page - Texas Instruments

Back Button AM69 Datasheet HTML 119Page - Texas Instruments AM69 Datasheet HTML 120Page - Texas Instruments AM69 Datasheet HTML 121Page - Texas Instruments AM69 Datasheet HTML 122Page - Texas Instruments AM69 Datasheet HTML 123Page - Texas Instruments AM69 Datasheet HTML 124Page - Texas Instruments AM69 Datasheet HTML 125Page - Texas Instruments AM69 Datasheet HTML 126Page - Texas Instruments AM69 Datasheet HTML 127Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 326 page
background image
Table 5-85. PCIE Signal Descriptions (continued)
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALY PIN [4]
AND PIN [4]
PCIE2_TXP1 (1)
O
SERDES_PCIE Differential Transmit Data
(positive)
AP2
AJ10
PCIE3_RXN0 (1)
I
SERDES_PCIE Differential Receive Data
(negative)
AR11
AN15
PCIE3_RXN1 (1)
I
SERDES_PCIE Differential Receive Data
(negative)
AU11
AL17
PCIE3_RXP0 (1)
I
SERDES_PCIE Differential Receive Data
(positive)
AR12
AN14
PCIE3_RXP1 (1)
I
SERDES_PCIE Differential Receive Data
(positive)
AU12
AL16
PCIE3_TXN0 (1)
O
SERDES_PCIE Differential Transmit Data
(negative)
AV9
AM16
PCIE3_TXN1 (1)
O
SERDES_PCIE Differential Transmit Data
(negative)
AV12
AK18
PCIE3_TXP0 (1)
O
SERDES_PCIE Differential Transmit Data
(positive)
AV10
AM15
PCIE3_TXP1 (1)
O
SERDES_PCIE Differential Transmit Data
(positive)
AV13
AK17
PCIE_REFCLK0_N_OUT
O
SERDES_PCIE Reference Clock Negative
AP4
AJ13
PCIE_REFCLK0_P_OUT
O
SERDES_PCIE Reference Clock Positive
AP5
AJ12
PCIE_REFCLK1_N_OUT
O
SERDES_PCIE Reference Clock Out
Negative
AN8
AH14
PCIE_REFCLK1_P_OUT
O
SERDES_PCIE Reference Clock Out
Positive
AN9
AH13
PCIE_REFCLK2_N_OUT (1)
O
SERDES_PCIE Reference Clock Out
Negative
AN5
AH11
PCIE_REFCLK2_P_OUT (1)
O
SERDES_PCIE Reference Clock Out
Positive
AN6
AH10
PCIE_REFCLK3_N_OUT (1)
O
SERDES_PCIE Reference Clock Out
Negative
AP7
AJ16
PCIE_REFCLK3_P_OUT (1)
O
SERDES_PCIE Reference Clock Out
Positive
AP8
AJ15
(1)
This signal is not supported on AM69A94, AM6954 devices. Please refer to Device Comparison and Pin Attributes table for the
complete list of supported IP and signals.
5.3.19 SERDES
5.3.19.1 MAIN Domain
Table 5-86. SERDES0 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALY PIN [4]
AND PIN [4]
SERDES0_REFCLK_N (1)
IO
Serdes Reference Clock Input/Output
(negative)
AU9
AK15
SERDES0_REFCLK_P (1)
IO
Serdes Reference Clock Input/Output
(positive)
AU8
AK14
SERDES0_REXT (1) (2)
I
External Calibration Resistor
AN11
AG7
(1)
This signal is not supported on AM69A94, AM6954 devices. Please refer to Device Comparison and Pin Attributes table for the
complete list of supported IP and signals.
(2)
An external 3.01 kΩ ±1% resistor must be connected between this pin and VSS. No external voltage should be applied to this pin.
Table 5-87. SERDES1 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALY PIN [4]
AND PIN [4]
SERDES1_REFCLK_N
IO
Serdes Reference Clock Input/Output
(negative)
AV3
AN5
www.ti.com
AM69A, AM69
SPRSP92D – FEBRUARY 2023 – REVISED DECEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
123
Product Folder Links: AM69A AM69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com