Electronic Components Datasheet Search
  English  ▼

X  

AM69 Datasheet(PDF) 125 Page - Texas Instruments

Part # AM69
Description  AM69x Processors, Silicon Revision 1.0
PDF  326 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM69 Datasheet(HTML) 125 Page - Texas Instruments

Back Button AM69 Datasheet HTML 121Page - Texas Instruments AM69 Datasheet HTML 122Page - Texas Instruments AM69 Datasheet HTML 123Page - Texas Instruments AM69 Datasheet HTML 124Page - Texas Instruments AM69 Datasheet HTML 125Page - Texas Instruments AM69 Datasheet HTML 126Page - Texas Instruments AM69 Datasheet HTML 127Page - Texas Instruments AM69 Datasheet HTML 128Page - Texas Instruments AM69 Datasheet HTML 129Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 326 page
background image
Table 5-90. DSI0 Signal Descriptions (continued)
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALY PIN [4]
AND PIN [4]
DSI0_TXP0
IO
DSI Transmit (positive)
AU26
AL25
DSI0_TXP1
O
DSI Transmit (positive)
AT25
AK26
DSI0_TXP2
O
DSI Transmit (positive)
AR26
AM24
DSI0_TXP3
O
DSI Transmit (positive)
AN23
AN23
(1)
An external 500 Ω ±1% resistor must be connected between this pin and VSS, even when the pin is unused.
Table 5-91. DSI1 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALY PIN [4]
AND PIN [4]
CSI1_TXCLKN
O
CSI Differential Transmit Clock Output
(negative)
AP29
AJ31
CSI1_TXCLKP
O
CSI Differential Transmit Clock Output
(positive)
AP28
AJ30
CSI1_TXN0
O
CSI Differential Transmit Output (negative)
AT29
AK30
CSI1_TXN1
O
CSI Differential Transmit Output (negative)
AN27
AL29
CSI1_TXN2
O
CSI Differential Transmit Output (negative)
AV28
AM28
CSI1_TXN3
O
CSI Differential Transmit Output (negative)
AU30
AN27
CSI1_TXP0
O
CSI Differential Transmit Output (positive)
AT28
AK29
CSI1_TXP1
O
CSI Differential Transmit Output (positive)
AN26
AL28
CSI1_TXP2
O
CSI Differential Transmit Output (positive)
AV27
AM27
CSI1_TXP3
O
CSI Differential Transmit Output (positive)
AU29
AN26
DSI1_TXCLKN
O
DSI Transmit clock (negative)
AP29
AJ31
DSI1_TXCLKP
O
DSI Transmit clock (positive)
AP28
AJ30
DSI1_TXRCALIB (1)
A
DSI Transmit Calibration Resistor
AL22
AH27
DSI1_TXN0
IO
DSI Transmit (negative)
AT29
AK30
DSI1_TXN1
O
DSI Transmit (negative)
AN27
AL29
DSI1_TXN2
O
DSI Transmit (negative)
AV28
AM28
DSI1_TXN3
O
DSI Transmit (negative)
AU30
AN27
DSI1_TXP0
IO
DSI Transmit (positive)
AT28
AK29
DSI1_TXP1
O
DSI Transmit (positive)
AN26
AL28
DSI1_TXP2
O
DSI Transmit (positive)
AV27
AM27
DSI1_TXP3
O
DSI Transmit (positive)
AU29
AN26
(1)
An external 500 Ω ±1% resistor must be connected between this pin and VSS, even when the pin is unused.
5.3.21 CSI
5.3.21.1 MAIN Domain
Table 5-92. CSI0 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALY PIN [4]
AND PIN [4]
CSI0_RXCLKN
I
CSI Differential Receive Clock Input
(negative)
AN30
AH33
CSI0_RXCLKP
I
CSI Differential Receive Clock Input (positive)
AN29
AH32
CSI0_RXRCALIB (1)
A
CSI Pin connected to external resistor for on-
chip resistor calibration
AM28
AH31
CSI0_RXN0
I
CSI Differential Receive Input (negative)
AU33
AL32
CSI0_RXN1
I
CSI Differential Receive Input (negative)
AT32
AM31
CSI0_RXN2
I
CSI Differential Receive Input (negative)
AV31
AN30
CSI0_RXN3
I
CSI Differential Receive Input (negative)
AR30
AK33
CSI0_RXP0
I
CSI Differential Receive Input (positive)
AU32
AL31
www.ti.com
AM69A, AM69
SPRSP92D – FEBRUARY 2023 – REVISED DECEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
125
Product Folder Links: AM69A AM69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com