Electronic Components Datasheet Search
  English  ▼

X  

AM69 Datasheet(PDF) 126 Page - Texas Instruments

Part # AM69
Description  AM69x Processors, Silicon Revision 1.0
PDF  326 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM69 Datasheet(HTML) 126 Page - Texas Instruments

Back Button AM69 Datasheet HTML 122Page - Texas Instruments AM69 Datasheet HTML 123Page - Texas Instruments AM69 Datasheet HTML 124Page - Texas Instruments AM69 Datasheet HTML 125Page - Texas Instruments AM69 Datasheet HTML 126Page - Texas Instruments AM69 Datasheet HTML 127Page - Texas Instruments AM69 Datasheet HTML 128Page - Texas Instruments AM69 Datasheet HTML 129Page - Texas Instruments AM69 Datasheet HTML 130Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 326 page
background image
Table 5-92. CSI0 Signal Descriptions (continued)
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALY PIN [4]
AND PIN [4]
CSI0_RXP1
I
CSI Differential Receive Input (positive)
AT31
AM30
CSI0_RXP2
I
CSI Differential Receive Input (positive)
AV30
AN29
CSI0_RXP3
I
CSI Differential Receive Input (positive)
AR29
AK32
(1)
An external 500 Ω ±1% resistor must be connected between this pin and VSS, even when the pin is unused.
Table 5-93. CSI1 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALY PIN [4]
AND PIN [4]
CSI1_RXCLKN
I
CSI Differential Receive Clock Input
(negative)
AP32
AE29
CSI1_RXCLKP
I
CSI Differential Receive Clock Input (positive)
AP31
AF29
CSI1_RXRCALIB (1)
A
CSI pin connected to external resistor for on-
chip resistor calibration
AL28
AJ33
CSI1_RXN0
I
CSI Differential Receive Input (negative)
AT35
AF30
CSI1_RXN1
I
CSI Differential Receive Input (negative)
AU36
AE33
CSI1_RXN2
I
CSI Differential Receive Input (negative)
AR33
AE31
CSI1_RXN3
I
CSI Differential Receive Input (negative)
AV34
AF32
CSI1_RXP0
I
CSI Differential Receive Input (positive)
AT34
AG30
CSI1_RXP1
I
CSI Differential Receive Input (positive)
AU35
AF33
CSI1_RXP2
I
CSI Differential Receive Input (positive)
AR32
AF31
CSI1_RXP3
I
CSI Differential Receive Input (positive)
AV33
AG32
(1)
An external 500 Ω ±1% resistor must be connected between this pin and VSS, even when the pin is unused.
Table 5-94. CSI2 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALY PIN [4]
AND PIN [4]
CSI2_RXCLKN
I
CSI Differential Receive Clock Input
(negative)
AN32
AC29
CSI2_RXCLKP
I
CSI Differential Receive Clock Input (positive)
AN33
AB29
CSI2_RXRCALIB (1)
A
CSI Pin connected to external resistor for on-
chip resistor calibration
AM31
AH29
CSI2_RXN0
I
CSI Differential Receive Input (negative)
AR36
AC30
CSI2_RXN1
I
CSI Differential Receive Input (negative)
AT38
AB31
CSI2_RXN2
I
CSI Differential Receive Input (negative)
AP35
AC32
CSI2_RXN3
I
CSI Differential Receive Input (negative)
AV37
AB33
CSI2_RXP0
I
CSI Differential Receive Input (positive)
AR35
AD30
CSI2_RXP1
I
CSI Differential Receive Input (positive)
AT37
AC31
CSI2_RXP2
I
CSI Differential Receive Input (positive)
AP34
AD32
CSI2_RXP3
I
CSI Differential Receive Input (positive)
AV36
AC33
(1)
An external 500 Ω ±1% resistor must be connected between this pin and VSS, even when the pin is unused.
5.3.22 MCASP
5.3.22.1 MAIN Domain
Table 5-95. MCASP0 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALY PIN [4]
AND PIN [4]
MCASP0_ACLKR
IO
MCASP Receive Bit Clock
AF34
U31
MCASP0_ACLKX
IO
MCASP Transmit Bit Clock
AK35
J30
MCASP0_AFSR
IO
MCASP Receive Frame Sync
AE34
M33
MCASP0_AFSX
IO
MCASP Transmit Frame Sync
AK38
K31
MCASP0_AXR0
IO
MCASP Serial Data (Input/Output)
AF37
F32
AM69A, AM69
SPRSP92D – FEBRUARY 2023 – REVISED DECEMBER 2024
www.ti.com
126
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: AM69A AM69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com