Electronic Components Datasheet Search
  English  ▼

X  

AM69 Datasheet(PDF) 130 Page - Texas Instruments

Part # AM69
Description  AM69x Processors, Silicon Revision 1.0
PDF  326 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM69 Datasheet(HTML) 130 Page - Texas Instruments

Back Button AM69 Datasheet HTML 126Page - Texas Instruments AM69 Datasheet HTML 127Page - Texas Instruments AM69 Datasheet HTML 128Page - Texas Instruments AM69 Datasheet HTML 129Page - Texas Instruments AM69 Datasheet HTML 130Page - Texas Instruments AM69 Datasheet HTML 131Page - Texas Instruments AM69 Datasheet HTML 132Page - Texas Instruments AM69 Datasheet HTML 133Page - Texas Instruments AM69 Datasheet HTML 134Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 326 page
background image
Table 5-104. DSS0 Signal Descriptions (continued)
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALY PIN [4]
AND PIN [4]
VOUT0_DATA2
O
Video Output Data 2
AJ38
F31
VOUT0_DATA3
O
Video Output Data 3
AE38
G29
VOUT0_DATA4
O
Video Output Data 4
AF38
N33
VOUT0_DATA5
O
Video Output Data 5
AE36
R32
VOUT0_DATA6
O
Video Output Data 6
AC36
K32
VOUT0_DATA7
O
Video Output Data 7
AE37
G32
VOUT0_DATA8
O
Video Output Data 8
AD37
P33
VOUT0_DATA9
O
Video Output Data 9
AC37
J31
VOUT0_DATA10
O
Video Output Data 10
AC32
G31
VOUT0_DATA11
O
Video Output Data 11
AK33
H33
VOUT0_DATA12
O
Video Output Data 12
AG37
H32
VOUT0_DATA13
O
Video Output Data 13
AF37
F32
VOUT0_DATA14
O
Video Output Data 14
AK38
K31
VOUT0_DATA15
O
Video Output Data 15
AK35
J30
VOUT0_DATA16
O
Video Output Data 16
AJ32
J33
VOUT0_DATA17
O
Video Output Data 17
AK37
E33
VOUT0_DATA18
O
Video Output Data 18
AC33, AL32
G28, P32
VOUT0_DATA19
O
Video Output Data 19
AE33, AH38
H31, U30
VOUT0_DATA20
O
Video Output Data 20
AD37, AH34
G30, P33
VOUT0_DATA21
O
Video Output Data 21
AC37, AJ35
J31, R31
VOUT0_DATA22
O
Video Output Data 22
AG34, AK37
E33, R29
VOUT0_DATA23
O
Video Output Data 23
AD36, AK36
L31, R30
VOUT0_VP0_DE
O
Alternative Output Data Enable
AG38
H30
VOUT0_VP0_HSYNC
O
Alternative Output Horizontal Sync
AK34
J32
VOUT0_VP0_VSYNC
O
Alternative Output Vertical Sync
AF36
K33
VOUT0_VP2_DE
O
Alternative Output Data Enable
AG38
H30
VOUT0_VP2_HSYNC
O
Alternative Output Horizontal Sync
AK34
J32
VOUT0_VP2_VSYNC
O
Alternative Output Vertical Sync
AF36
K33
5.3.26 GPMC
5.3.26.1 MAIN Domain
Table 5-105. GPMC0 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALY PIN [4]
AND PIN [4]
GPMC0_ADVn_ALE
O
GPMC Address Valid (active low) or Address
Latch Enable
AK33
H33
GPMC0_CLK
IO
GPMC clock
AG36
P29
GPMC0_CLKOUT
O
GPMC clock generated for external
synchronization
AF36
K33
GPMC0_DIR
O
GPMC Data Bus Signal Direction Control
AC33, AH37
F33, G28
GPMC0_OEn_REn
O
GPMC Output Enable (active low) or Read
Enable (active low)
AK34
J32
GPMC0_WEn
O
GPMC Write Enable (active low)
AJ34
T30
GPMC0_WPn
O
GPMC Flash Write Protect (active low)
AK33
H33
GPMC0_A0
OZ
GPMC Address 0 Output. Only used to
effectively address 8-bit data non-multiplexed
memories
AE35
M31
AM69A, AM69
SPRSP92D – FEBRUARY 2023 – REVISED DECEMBER 2024
www.ti.com
130
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: AM69A AM69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com