| Electronic Components Datasheet Search |
|
AM69 Datasheet(PDF) 132 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM69 Datasheet(HTML) 132 Page - Texas Instruments |
|
132 / 326 page ![]() Table 5-105. GPMC0 Signal Descriptions (continued) SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ALY PIN [4] AND PIN [4] GPMC0_A20 OZ GPMC Address 20 Output in A/D non- multiplexed mode and unused in A/D multiplexed mode AG33 R33 GPMC0_A21 OZ GPMC Address 21 Output in A/D non- multiplexed mode and unused in A/D multiplexed mode AH33 T32 GPMC0_A22 OZ GPMC Address 22 Output in A/D non- multiplexed mode and unused in A/D multiplexed mode AF33 T31 GPMC0_A23 OZ GPMC Address 23 Output in A/D non- multiplexed mode and unused in A/D multiplexed mode AJ33 T29 GPMC0_A24 OZ GPMC Address 24 Output in A/D non- multiplexed mode and unused in A/D multiplexed mode AG36 P29 GPMC0_AD0 IO GPMC Data 0 Input/Output in A/D non- multiplexed mode and additionally Address 1 Output in A/D multiplexed mode AK35 J30 GPMC0_AD1 IO GPMC Data 1 Input/Output in A/D non- multiplexed mode and additionally Address 2 Output in A/D multiplexed mode AK38 K31 GPMC0_AD2 IO GPMC Data 2 Input/Output in A/D non- multiplexed mode and additionally Address 3 Output in A/D multiplexed mode AF37 F32 GPMC0_AD3 IO GPMC Data 3 Input/Output in A/D non- multiplexed mode and additionally Address 4 Output in A/D multiplexed mode AG37 H32 GPMC0_AD4 IO GPMC Data 4 Input/Output in A/D non- multiplexed mode and additionally Address 5 Output in A/D multiplexed mode AK37 E33 GPMC0_AD5 IO GPMC Data 5 Input/Output in A/D non- multiplexed mode and additionally Address 6 Output in A/D multiplexed mode AD36 L31 GPMC0_AD6 IO GPMC Data 6 Input/Output in A/D non- multiplexed mode and additionally Address 7 Output in A/D multiplexed mode AJ32 J33 GPMC0_AD7 IO GPMC Data 7 Input/Output in A/D non- multiplexed mode and additionally Address 8 Output in A/D multiplexed mode AJ37 G33 GPMC0_AD8 IO GPMC Data 8 Input/Output in A/D non- multiplexed mode and additionally Address 9 Output in A/D multiplexed mode AC32 G31 GPMC0_AD9 IO GPMC Data 9 Input/Output in A/D non- multiplexed mode and additionally Address 10 Output in A/D multiplexed mode AC37 J31 GPMC0_AD10 IO GPMC Data 10 Input/Output in A/D non- multiplexed mode and additionally Address 11 Output in A/D multiplexed mode AD37 P33 GPMC0_AD11 IO GPMC Data 11 Input/Output in A/D non- multiplexed mode and additionally Address 12 Output in A/D multiplexed mode AE37 G32 GPMC0_AD12 IO GPMC Data 12 Input/Output in A/D non- multiplexed mode and additionally Address 13 Output in A/D multiplexed mode AC36 K32 GPMC0_AD13 IO GPMC Data 13 Input/Output in A/D non- multiplexed mode and additionally Address 14 Output in A/D multiplexed mode AE36 R32 AM69A, AM69 SPRSP92D – FEBRUARY 2023 – REVISED DECEMBER 2024 www.ti.com 132 Submit Document Feedback Copyright © 2024 Texas Instruments Incorporated Product Folder Links: AM69A AM69 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |