Electronic Components Datasheet Search
  English  ▼

X  

AM69 Datasheet(PDF) 136 Page - Texas Instruments

Part # AM69
Description  AM69x Processors, Silicon Revision 1.0
PDF  326 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM69 Datasheet(HTML) 136 Page - Texas Instruments

Back Button AM69 Datasheet HTML 132Page - Texas Instruments AM69 Datasheet HTML 133Page - Texas Instruments AM69 Datasheet HTML 134Page - Texas Instruments AM69 Datasheet HTML 135Page - Texas Instruments AM69 Datasheet HTML 136Page - Texas Instruments AM69 Datasheet HTML 137Page - Texas Instruments AM69 Datasheet HTML 138Page - Texas Instruments AM69 Datasheet HTML 139Page - Texas Instruments AM69 Datasheet HTML 140Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 326 page
background image
Table 5-112. Trace Signal Descriptions (continued)
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALY PIN [4]
AND PIN [4]
TRC_DATA7
O
Trace Data 7
AJ38
F31
TRC_DATA8
O
Trace Data 8
AC32
G31
TRC_DATA9
O
Trace Data 9
AE37
G32
TRC_DATA10
O
Trace Data 10
AK33
H33
TRC_DATA11
O
Trace Data 11
AF38
N33
TRC_DATA12
O
Trace Data 12
AG37
H32
TRC_DATA13
O
Trace Data 13
AE36
R32
TRC_DATA14
O
Trace Data 14
AF37
F32
TRC_DATA15
O
Trace Data 15
AC36
K32
TRC_DATA16
O
Trace Data 16
AE38
G29
TRC_DATA17
O
Trace Data 17
AH37
F33
TRC_DATA18
O
Trace Data 18
AK34
J32
TRC_DATA19
O
Trace Data 19
AG38
H30
TRC_DATA20
O
Trace Data 20
AF36
K33
TRC_DATA21
O
Trace Data 21
AG34
R29
TRC_DATA22
O
Trace Data 22
AJ35
R31
TRC_DATA23
O
Trace Data 23
AH34
G30
TRC_DATA24
O
Trace Data 24
AE33
U30
TRC_DATA25
O
Trace Data 25
AL32
P32
5.3.31 System and Miscellaneous
5.3.31.1 Boot Mode configuration
Table 5-113. Sysboot Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALY PIN [4]
AND PIN [4]
BOOTMODE00
I
Bootmode Pin 0
B33
E10
BOOTMODE01
I
Bootmode Pin 1
B32
F9
BOOTMODE02
I
Bootmode Pin 2
D33
D9
BOOTMODE03
I
Bootmode Pin 3
D34
C9
BOOTMODE04
I
Bootmode Pin 4
M37
A19
BOOTMODE05
I
Bootmode Pin 5
M36
B20
BOOTMODE06
I
Bootmode Pin 6
N34
A17
BOOTMODE07
I
Bootmode Pin 7
M34
A18
MCU_BOOTMODE00
I
MCU Bootmode Pin 0
G38
F15
MCU_BOOTMODE01
I
MCU Bootmode Pin 1
H36
E18
MCU_BOOTMODE02
I
MCU Bootmode Pin 2
J38
E14
MCU_BOOTMODE03
I
MCU Bootmode Pin 3
H38
E15
MCU_BOOTMODE04
I
MCU Bootmode Pin 4
J34
D16
MCU_BOOTMODE05
I
MCU Bootmode Pin 5
J35
D18
MCU_BOOTMODE06
I
MCU Bootmode Pin 6
H37
D15
MCU_BOOTMODE07
I
MCU Bootmode Pin 7
K37
C16
MCU_BOOTMODE08
I
MCU Bootmode Pin 8
J37
D17
MCU_BOOTMODE09
I
MCU Bootmode Pin 9
K38
D21
AM69A, AM69
SPRSP92D – FEBRUARY 2023 – REVISED DECEMBER 2024
www.ti.com
136
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: AM69A AM69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com