Electronic Components Datasheet Search
  English  ▼

X  

AM69 Datasheet(PDF) 140 Page - Texas Instruments

Part # AM69
Description  AM69x Processors, Silicon Revision 1.0
PDF  326 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM69 Datasheet(HTML) 140 Page - Texas Instruments

Back Button AM69 Datasheet HTML 136Page - Texas Instruments AM69 Datasheet HTML 137Page - Texas Instruments AM69 Datasheet HTML 138Page - Texas Instruments AM69 Datasheet HTML 139Page - Texas Instruments AM69 Datasheet HTML 140Page - Texas Instruments AM69 Datasheet HTML 141Page - Texas Instruments AM69 Datasheet HTML 142Page - Texas Instruments AM69 Datasheet HTML 143Page - Texas Instruments AM69 Datasheet HTML 144Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 326 page
background image
Table 5-120. Power Supply Signal Descriptions (continued)
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALY PIN [4]
AND PIN [4]
VDDA_PLLGRP10
PWR
Analog Supply for MAIN PLL Group 10
AG23
AD20
VDDA_PLLGRP12
PWR
Analog Supply for MAIN PLL Group 12
AA23
W21
VDDA_PLLGRP13
PWR
Analog Supply for MAIN PLL Group 13
AB26
Y24
VDDA_POR_WKUP
PWR
WKUP domain Analog Supply
N28
L26
VDDA_TEMP0
PWR
Analog Supply for temperature sensor 0
Y27
V26
VDDA_TEMP1
PWR
Analog Supply for temperature sensor 1
M12
K10
VDDA_TEMP2
PWR
Analog Supply for temperature sensor 2
W23
U21
VDDA_TEMP3
PWR
Analog Supply for temperature sensor 3
AE13
AC11
VDDA_TEMP4
PWR
Analog Supply for temperature sensor 4
AD18
AB16
VDDA_WKUP
PWR
Oscillator Supply for WKUP domain
K31, L32
J27
VDDSHV0
PWR
IO Power Supply
V30, V32, W31
T28
VDDSHV0_MCU
PWR
IO Power Supply
H29, J28, K29
H27
VDDSHV1_MCU
PWR
IO Power Supply
H25, J24, K25
G22, H23
VDDSHV2
PWR
IO Power Supply
T30, T32, U31
N28, P28
VDDSHV2_MCU
PWR
IO Power Supply
H27, J26, K27
G24, H25
VDDSHV5
PWR
IO Power Supply
P31, R30, R31
N27
VDDS_DDR
PWR
DDR PHY IO Supply
A31, AK1, B1, H11,
H13, H15, H17, H19,
H9, J10, J12, J14,
J16, J18, J8, K11,
K13, K15, K17, K19,
K9, L10, L12, L14,
L16, L18, M9, N10,
N8, P9, R10, R8, T9,
U10, U8
A2, AH1, G10, G12,
G14, G16, G18, H11,
H13, H15, H17, H9,
J10, J14, J16, J8, K7,
L8, M7, P7, R8
VDDS_DDR_C0
PWR
IO Power Supply for DDR Clock
T10
N8
VDDS_DDR_C1
PWR
IO Power Supply for DDR Clock
L15
J12
VDDS_DDR_C2
PWR
IO Power Supply for DDR Clock
M10
VDDS_DDR_C3
PWR
IO Power Supply for DDR Clock
L17
VDDS_MMC0
PWR
MMC0 PHY IO Supply
AF9, AG10, AG8,
AH9
AE8, AF7
VDD_CORE
PWR
MAIN domain core Supply
AA24, AA26, AA28,
AA30, AB25, AB29,
AB31, AC26, AC28,
AC30, AD25, AD27,
AD29, AD31, AE24,
AE26, AE28, AE30,
AE32, AF13, AF17,
AF19, AF23, AF25,
AF27, AF29, AF31,
AG12, AG14, AG16,
AG18, AG20, AG22,
AG24, AG26, AG30,
AG32, AH31, AJ30,
M11, M13, M15, M17,
M19, N12, N16, N18,
P11, P17, P19, R12,
R14, R16, R18, R24,
R26, R28, T11, T13,
T27, U12, U24, U26,
U28, V25, V27, W24,
W26, W28, W30,
W32, Y25, Y29, Y31
AA24, AA26, AA28,
AB23, AB25, AB27,
AC22, AC24, AC26,
AC28, AD11, AD15,
AD17, AD21, AD23,
AD25, AD27, AE10,
AE12, AE14, AE16,
AE18, AE20, AE22,
AE24, AE28, AF19,
K11, K15, K17, K9,
L10, L12, L14, L16,
M11, M13, M15, M17,
M9, N10, N12, N14,
N16, N22, N24, N26,
P11, P25, P9, R10,
R22, R24, R26, T23,
T25, U22, U24, U26,
U28, V23, V27, W22,
W24, W26, W28,
Y23, Y27
AM69A, AM69
SPRSP92D – FEBRUARY 2023 – REVISED DECEMBER 2024
www.ti.com
140
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: AM69A AM69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com