Electronic Components Datasheet Search
  English  ▼

X  

AM69 Datasheet(PDF) 141 Page - Texas Instruments

Part # AM69
Description  AM69x Processors, Silicon Revision 1.0
PDF  326 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM69 Datasheet(HTML) 141 Page - Texas Instruments

Back Button AM69 Datasheet HTML 137Page - Texas Instruments AM69 Datasheet HTML 138Page - Texas Instruments AM69 Datasheet HTML 139Page - Texas Instruments AM69 Datasheet HTML 140Page - Texas Instruments AM69 Datasheet HTML 141Page - Texas Instruments AM69 Datasheet HTML 142Page - Texas Instruments AM69 Datasheet HTML 143Page - Texas Instruments AM69 Datasheet HTML 144Page - Texas Instruments AM69 Datasheet HTML 145Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 326 page
background image
Table 5-120. Power Supply Signal Descriptions (continued)
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALY PIN [4]
AND PIN [4]
VDD_CPU
PWR
CPU core Supply
AA10, AA12, AA14,
AA20, AA22, AA8,
AB11, AB19, AB21,
AB23, AB9, AC10,
AC12, AC14, AC22,
AD11, AD13, AD15,
AD17, AD19, AD21,
AD23, AD9, AE10,
AE14, AE16, AE18,
AE20, AE22, AF11,
H21, H23, J20, J22,
K21, K23, L20, L22,
N20, N22, P21, R20,
R22, T17, T19, T21,
T23, U14, U22, V11,
V13, V19, V21, V23,
V9, W10, W12, W20,
W22, W8, Y13, Y21,
Y23, Y9
AA10, AA12, AA20,
AA8, AB11, AB13,
AB15, AB17, AB19,
AB21, AB9, AC12,
AC14, AC16, AC18,
AC20, AC8, AD9,
H19, H21, J18, J20,
L18, L20, M19, N18,
N20, P15, P17, P19,
P21, R12, R20, T11,
T17, T19, T21, T9,
U10, U18, U20, U8,
V11, V19, V21, W10,
W12, W18, W20, W8,
Y17, Y19, Y21, Y9
VDD_MCU
PWR
MCU core Supply
L24, M23, M25, N26,
P23, P25, P27
J22, K21, K23, L24,
M21, M23, M25
VDD_MCU_WAKE1
PWR
Core Supply for MCU daisy chain
L28
J26
VDD_WAKE0
PWR
Core Supply for MAIN domain daisy chain
U29
R27
www.ti.com
AM69A, AM69
SPRSP92D – FEBRUARY 2023 – REVISED DECEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
141
Product Folder Links: AM69A AM69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com