Electronic Components Datasheet Search
  English  ▼

X  

AM69 Datasheet(PDF) 145 Page - Texas Instruments

Part # AM69
Description  AM69x Processors, Silicon Revision 1.0
PDF  326 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM69 Datasheet(HTML) 145 Page - Texas Instruments

Back Button AM69 Datasheet HTML 141Page - Texas Instruments AM69 Datasheet HTML 142Page - Texas Instruments AM69 Datasheet HTML 143Page - Texas Instruments AM69 Datasheet HTML 144Page - Texas Instruments AM69 Datasheet HTML 145Page - Texas Instruments AM69 Datasheet HTML 146Page - Texas Instruments AM69 Datasheet HTML 147Page - Texas Instruments AM69 Datasheet HTML 148Page - Texas Instruments AM69 Datasheet HTML 149Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 326 page
background image
Table 5-121 shows the connectivity requirements for specific signals by ball name and ball number.
Table 5-121. Connectivity Requirements
ALY
BALL
NUMBER
AND
BALL
NUMBER
BALL NAME
CONNECTION REQUIREMENT
P38
B23
OSC1_XI
Each of these balls must be connected to VSS through a separate
external pull resistor to ensure these balls are held to a valid logic
low-level, if unused.
T38
A24
WKUP_OSC0_XI
G37
F17
TRSTN
U1
R1
DDR0_DQS0P
AA1
V1
DDR0_DQS1P
AF1
AD1
DDR0_DQS2P
AJ1
AG1
DDR0_DQS3P
A16
B1
DDR1_DQS0P
A13
E1
DDR1_DQS1P
A8
L1
DDR1_DQS2P
A3
P1
DDR1_DQS3P
T1
–
DDR2_DQS0P
N1
–
DDR2_DQS1P
H1
–
DDR2_DQS2P
E1
–
DDR2_DQS3P
A18
–
DDR3_DQS0P
A21
–
DDR3_DQS1P
A26
–
DDR3_DQS2P
A29
–
DDR3_DQS3P
AC8
AC7
DDR0_RET
G8
G8
DDR1_RET
L8
-
DDR2_RET
G27
-
DDR3_RET
K28
G26
VMON1_ER_VSYS
N27
L25
VMON2_IR_VCPU
J30
K30
VMON3_IR_VEXT1P8
P28
M26
VMON4_IR_VEXT1P8
R29
M29
VMON5_IR_VEXT3P3
www.ti.com
AM69A, AM69
SPRSP92D – FEBRUARY 2023 – REVISED DECEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
145
Product Folder Links: AM69A AM69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com