Electronic Components Datasheet Search
  English  ▼

X  

AM69 Datasheet(PDF) 137 Page - Texas Instruments

Part # AM69
Description  AM69x Processors, Silicon Revision 1.0
PDF  326 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM69 Datasheet(HTML) 137 Page - Texas Instruments

Back Button AM69 Datasheet HTML 133Page - Texas Instruments AM69 Datasheet HTML 134Page - Texas Instruments AM69 Datasheet HTML 135Page - Texas Instruments AM69 Datasheet HTML 136Page - Texas Instruments AM69 Datasheet HTML 137Page - Texas Instruments AM69 Datasheet HTML 138Page - Texas Instruments AM69 Datasheet HTML 139Page - Texas Instruments AM69 Datasheet HTML 140Page - Texas Instruments AM69 Datasheet HTML 141Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 326 page
background image
5.3.31.2 Clock
Table 5-114. Clock0 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALY PIN [4]
AND PIN [4]
WKUP_LF_CLKIN
I
Low Frequency (32.768 KHz) Oscillator Input
M34
A18
WKUP_OSC0_XI
I
High Frequency Oscillator Input
T38
A24
WKUP_OSC0_XO
O
High Frequency Oscillator Output
U37
B25
Table 5-115. Clock1 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALY PIN [4]
AND PIN [4]
OSC1_XI
I
High Frequency Oscillator Input
P38
B23
OSC1_XO
O
High Frequency Oscillator Output
N37
A22
5.3.31.3 System
Table 5-116. MCU System Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALY PIN [4]
AND PIN [4]
MCU_CLKOUT0
OZ
Reference clock output for Ethernet PHYs
(50MHz or 25MHz)
M38
B21
MCU_EXT_REFCLK0
I
External system clock input
L33, M33
A20, B18
MCU_OBSCLK0
O
Observation clock output for test and debug
purposes only
H34, M38
B21, E17
MCU_PORz
I
MCU Domain Cold Reset
K32
C24
MCU_RESETSTATz
O
MCU Domain Warm Reset status output
F36
E21
MCU_RESETz
I
MCU Domain Warm Reset
G36
E20
MCU_SAFETY_ERRORn
IO
Error signal output from MCU Domain ESM
N36
C22
MCU_SYSCLKOUT0
O
MCU Domain system clock output for test
and debug purposes only
L33
B18
Table 5-117. System Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALY PIN [4]
AND PIN [4]
AUDIO_EXT_REFCLK0
IO
External clock routed to ATL or McASP as
one of the selectable input clock sources, or
as a output clock output for ATL or McASP
AJ34
T30
AUDIO_EXT_REFCLK1
IO
External clock routed to ATL or McASP as
one of the selectable input clock sources, or
as a output clock output for ATL or McASP
AH37
F33
EXTINTn
I
External Interrupt
AN35
Y29
EXT_REFCLK1
I
External clock input to Main Domain,
routed to Timer clock muxes as one
of the selectable input clock sources for
Timer/WDT modules, or as reference clock to
MAIN_PLL2 (PER1 PLL)
AJ32
J33
GPMC0_FCLK_MUX
O
GPMC functional clock output selected
through a mux logic
AF36
K33
OBSCLK0
O
Observation clock output for test and debug
purposes only
AN37
W30
OBSCLK1
O
Observation clock output for test and debug
purposes only
AG37
H32
PMIC_POWER_EN1
O
Power enable output for MAIN Domain
supplies
L38
B16
PMIC_WAKE0n
O
PMIC WakeUp (active low)
AJ34
T30
PMIC_WAKE1n
O
PMIC WakeUp (active low)
M33
A20
PORz
I
SoC PORz Reset Signal
P33
D24
www.ti.com
AM69A, AM69
SPRSP92D – FEBRUARY 2023 – REVISED DECEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
137
Product Folder Links: AM69A AM69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com