Electronic Components Datasheet Search
  English  ▼

X  

AM69 Datasheet(PDF) 138 Page - Texas Instruments

Part # AM69
Description  AM69x Processors, Silicon Revision 1.0
PDF  326 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM69 Datasheet(HTML) 138 Page - Texas Instruments

Back Button AM69 Datasheet HTML 134Page - Texas Instruments AM69 Datasheet HTML 135Page - Texas Instruments AM69 Datasheet HTML 136Page - Texas Instruments AM69 Datasheet HTML 137Page - Texas Instruments AM69 Datasheet HTML 138Page - Texas Instruments AM69 Datasheet HTML 139Page - Texas Instruments AM69 Datasheet HTML 140Page - Texas Instruments AM69 Datasheet HTML 141Page - Texas Instruments AM69 Datasheet HTML 142Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 326 page
background image
Table 5-117. System Signal Descriptions (continued)
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALY PIN [4]
AND PIN [4]
RESETSTATz
O
Main Domain Warm Reset status output
AL38
W32
RESET_REQz
I
Main Domain external Warm Reset request
input
F34
G20
SOC_SAFETY_ERRORn
IO
Error signal output from Main Domain ESM
AM34
Y31
SYNC0_OUT
O
CPTS Time Stamp Generator Bit 0
AD36
L31
SYNC1_OUT
O
CPTS Time Stamp Generator Bit 1
AJ32
J33
SYNC2_OUT
O
CPTS Time Stamp Generator Bit 2
AD38
H29
SYNC3_OUT
O
CPTS Time Stamp Generator Bit 3
AD37
P33
SYSCLKOUT0
O
SYSCLK0 output from Main PLL controller
(divided by 6) for test and debug purposes
only
AR38
AA32
5.3.31.4 EFUSE
Table 5-118. EFUSE Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALY PIN [4]
AND PIN [4]
VPP_CORE
PWR
Programming Voltage for MAIN Domain
Efuses
AA31
V29
VPP_MCU
PWR
Programming Voltage for MCU Domain
Efuses
L29
F26
5.3.31.5 VMON
Table 5-119. VMON Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALY PIN [4]
AND PIN [4]
VMON1_ER_VSYS
A
Voltage Monitor, fixed 0.45V (+/-3%)
threshold. Use with external precision voltage
divider to monitor a higher voltage rail such
as the PMIC input supply.
K28
G26
VMON2_IR_VCPU
A
Must be externally connected directly to
VDD_CPU
N27
L25
VMON3_IR_VEXT1P8
A
General purpose voltage monitor for external
supplies, 1.8V threshold. With internal
resistor divider.
J30
K30
VMON4_IR_VEXT1P8
A
General purpose voltage monitor for external
supplies, 1.8V threshold. With internal
resistor divider.
P28
M26
VMON5_IR_VEXT3P3
A
General purpose voltage monitor for external
supplies, 3.3V threshold. With internal
resistor divider.
R29
M29
5.3.32 Power
Table 5-120. Power Supply Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALY PIN [4]
AND PIN [4]
CAP_VDDS0 (1)
CAP
External Capacitor Connection
V29
T27
CAP_VDDS0_MCU (1)
CAP
External Capacitor Connection
L27
J25
CAP_VDDS1_MCU (1)
CAP
External Capacitor Connection
L25
J23
CAP_VDDS2 (1)
CAP
External Capacitor Connection
T29
P27
CAP_VDDS2_MCU (1)
CAP
External Capacitor Connection
L26
J24
CAP_VDDS5 (1)
CAP
External Capacitor Connection
P29
M27
VDDAR_CORE
PWR
Core RAM Supply
AB27, AC24, AF15,
AF18, AF21, AG11,
AG28, T25
AA22, AD13, AD16,
AD19, AE26, AE9,
P23, Y25
AM69A, AM69
SPRSP92D – FEBRUARY 2023 – REVISED DECEMBER 2024
www.ti.com
138
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: AM69A AM69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com