Electronic Components Datasheet Search
  English  ▼

X  

AM69 Datasheet(PDF) 134 Page - Texas Instruments

Part # AM69
Description  AM69x Processors, Silicon Revision 1.0
PDF  326 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM69 Datasheet(HTML) 134 Page - Texas Instruments

Back Button AM69 Datasheet HTML 130Page - Texas Instruments AM69 Datasheet HTML 131Page - Texas Instruments AM69 Datasheet HTML 132Page - Texas Instruments AM69 Datasheet HTML 133Page - Texas Instruments AM69 Datasheet HTML 134Page - Texas Instruments AM69 Datasheet HTML 135Page - Texas Instruments AM69 Datasheet HTML 136Page - Texas Instruments AM69 Datasheet HTML 137Page - Texas Instruments AM69 Datasheet HTML 138Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 326 page
background image
Table 5-107. MMC1 Signal Descriptions (continued)
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALY PIN [4]
AND PIN [4]
MMC1_DAT3
IO
MMC/SD/SDIO Data
AC38
F30
(1)
For ROM boot from MMC1 interface to work properly, the MMC1_SDCD pin should be pulled low externally with a resistor to indicate
an SD Card/Memory device is present.
(2)
For MMC1_CLK signal to work properly, the RXACTIVE bit of the CTRLMMR_PADCONFIG64 register should be set to 0x1 because of
retiming purposes.
5.3.28 OSPI
5.3.28.1 MCU Domain
Table 5-108. MCU_OSPI0 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALY PIN [4]
AND PIN [4]
MCU_OSPI0_CLK
O
OSPI Clock
E32
D8
MCU_OSPI0_DQS
I
OSPI Data Strobe (DQS) or Loopback Clock
Input
C34
C10
MCU_OSPI0_ECC_FAIL
I
OSPI ECC Status
C32, F31
B9, E11
MCU_OSPI0_LBCLKO
IO
OSPI Loopback Clock Output
D32
D10
MCU_OSPI0_CSn0
O
OSPI Chip Select 0 (active low)
A32
F12
MCU_OSPI0_CSn1
O
OSPI Chip Select 1 (active low)
A33
F11
MCU_OSPI0_CSn2
O
OSPI Chip Select 2 (active low)
B34, C31
B10, F10
MCU_OSPI0_CSn3
O
OSPI Chip Select 3 (active low)
C32, F31
B9, E11
MCU_OSPI0_D0
IO
OSPI Data 0
B33
E10
MCU_OSPI0_D1
IO
OSPI Data 1
B32
F9
MCU_OSPI0_D2
IO
OSPI Data 2
C33
E9
MCU_OSPI0_D3
IO
OSPI Data 3
C35
D11
MCU_OSPI0_D4
IO
OSPI Data 4
D33
D9
MCU_OSPI0_D5
IO
OSPI Data 5
D34
C9
MCU_OSPI0_D6
IO
OSPI Data 6
E34
C7
MCU_OSPI0_D7
IO
OSPI Data 7
E33
C8
MCU_OSPI0_RESET_OUT0
O
OSPI Reset
B34, C31
B10, F10
MCU_OSPI0_RESET_OUT1
O
OSPI Reset
C32, G33
A9, E11
Table 5-109. MCU_OSPI1 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALY PIN [4]
AND PIN [4]
MCU_OSPI1_CLK
O
OSPI Clock
F32
B7
MCU_OSPI1_DQS
I
OSPI Data Strobe (DQS) or Loopback Clock
Input
F31
B9
MCU_OSPI1_LBCLKO
IO
OSPI Loopback Clock Output
C31
B10
MCU_OSPI1_CSn0
O
OSPI Chip Select 0 (active low)
G32
A8
MCU_OSPI1_CSn1
O
OSPI Chip Select 1 (active low)
G33
A9
MCU_OSPI1_D0
IO
OSPI Data 0
E35
B8
MCU_OSPI1_D1
IO
OSPI Data 1
D31
B11
MCU_OSPI1_D2
IO
OSPI Data 2
G31
A11
MCU_OSPI1_D3
IO
OSPI Data 3
F33
A10
AM69A, AM69
SPRSP92D – FEBRUARY 2023 – REVISED DECEMBER 2024
www.ti.com
134
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: AM69A AM69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com