Electronic Components Datasheet Search
  English  ▼

X  

AM69 Datasheet(PDF) 135 Page - Texas Instruments

Part # AM69
Description  AM69x Processors, Silicon Revision 1.0
PDF  326 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM69 Datasheet(HTML) 135 Page - Texas Instruments

Back Button AM69 Datasheet HTML 131Page - Texas Instruments AM69 Datasheet HTML 132Page - Texas Instruments AM69 Datasheet HTML 133Page - Texas Instruments AM69 Datasheet HTML 134Page - Texas Instruments AM69 Datasheet HTML 135Page - Texas Instruments AM69 Datasheet HTML 136Page - Texas Instruments AM69 Datasheet HTML 137Page - Texas Instruments AM69 Datasheet HTML 138Page - Texas Instruments AM69 Datasheet HTML 139Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 326 page
background image
5.3.29 Hyperbus
5.3.29.1 MCU Domain
Table 5-110. MCU_HYPERBUS0 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALY PIN [4]
AND PIN [4]
MCU_HYPERBUS0_CK
O
Hyperbus Differential Clock (positive)
E32
D8
MCU_HYPERBUS0_CKn
O
Hyperbus Differential Clock (negative)
D32
D10
MCU_HYPERBUS0_INTn
I
Hyperbus Interrupt (active low)
C32, F31
B9, E11
MCU_HYPERBUS0_RESET
n
O
Hyperbus Reset (active low) Output
A33
F11
MCU_HYPERBUS0_RESET
On
I
Hyperbus Reset Status Indicator (active low)
from Hyperbus Memory
B34, C31
B10, F10
MCU_HYPERBUS0_RWDS
IO
Hyperbus Read-Write Data Strobe
C34
C10
MCU_HYPERBUS0_WPn
O
Hyperbus Write Protect (Not in use)
B34, C32, G33
A9, E11, F10
MCU_HYPERBUS0_CSn0
O
Hyperbus Chip Select 0
A32
F12
MCU_HYPERBUS0_CSn1
O
Hyperbus Chip Select 1
B34, G33
A9, F10
MCU_HYPERBUS0_DQ0
IO
Hyperbus Data 0
B33
E10
MCU_HYPERBUS0_DQ1
IO
Hyperbus Data 1
B32
F9
MCU_HYPERBUS0_DQ2
IO
Hyperbus Data 2
C33
E9
MCU_HYPERBUS0_DQ3
IO
Hyperbus Data 3
C35
D11
MCU_HYPERBUS0_DQ4
IO
Hyperbus Data 4
D33
D9
MCU_HYPERBUS0_DQ5
IO
Hyperbus Data 5
D34
C9
MCU_HYPERBUS0_DQ6
IO
Hyperbus Data 6
E34
C7
MCU_HYPERBUS0_DQ7
IO
Hyperbus Data 7
E33
C8
5.3.30 Emulation and Debug
5.3.30.1 MAIN Domain
Table 5-111. JTAG Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALY PIN [4]
AND PIN [4]
EMU0
IO
Emulation Control 0
F35
F19
EMU1
IO
Emulation Control 1
H34
E17
TCK
I
JTAG Test Clock Input
G35
F21
TDI
I
JTAG Test Data Input
AL37
V33
TDO
OZ
JTAG Test Data Output
AL35
W33
TMS
I
JTAG Test Mode Select Input
AL36
V32
TRSTn
I
JTAG Reset
G37
F17
Table 5-112. Trace Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALY PIN [4]
AND PIN [4]
TRC_CLK
O
Trace Clock
AG36, AJ32
J33, P29
TRC_CTL
O
Trace Control
AJ33, AJ37
G33, T29
TRC_DATA0
O
Trace Data 0
AF33, AJ34
T30, T31
TRC_DATA1
O
Trace Data 1
AD36, AH33
L31, T32
TRC_DATA2
O
Trace Data 2
AG33, AK37
E33, R33
TRC_DATA3
O
Trace Data 3
AC33, AK36
G28, R30
TRC_DATA4
O
Trace Data 4
AD37
P33
TRC_DATA5
O
Trace Data 5
AH38
H31
TRC_DATA6
O
Trace Data 6
AC37
J31
www.ti.com
AM69A, AM69
SPRSP92D – FEBRUARY 2023 – REVISED DECEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
135
Product Folder Links: AM69A AM69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com