Electronic Components Datasheet Search
  English  ▼

X  

AM69 Datasheet(PDF) 124 Page - Texas Instruments

Part # AM69
Description  AM69x Processors, Silicon Revision 1.0
PDF  326 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM69 Datasheet(HTML) 124 Page - Texas Instruments

Back Button AM69 Datasheet HTML 120Page - Texas Instruments AM69 Datasheet HTML 121Page - Texas Instruments AM69 Datasheet HTML 122Page - Texas Instruments AM69 Datasheet HTML 123Page - Texas Instruments AM69 Datasheet HTML 124Page - Texas Instruments AM69 Datasheet HTML 125Page - Texas Instruments AM69 Datasheet HTML 126Page - Texas Instruments AM69 Datasheet HTML 127Page - Texas Instruments AM69 Datasheet HTML 128Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 326 page
background image
Table 5-87. SERDES1 Signal Descriptions (continued)
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALY PIN [4]
AND PIN [4]
SERDES1_REFCLK_P
IO
Serdes Reference Clock Input/Output
(positive)
AV4
AN6
SERDES1_REXT (1)
I
External Calibration Resistor
AL9
AH9
(1)
An external 3.01 kΩ ±1% resistor must be connected between this pin and VSS. No external voltage should be applied to this pin.
Table 5-88. SERDES2 Signal Descriptions
SIGNAL NAME [1] ((3))
PIN TYPE [2]
DESCRIPTION [3]
ALY PIN [4]
AND PIN [4]
SERDES2_REFCLK_N (1)
IO
Serdes Reference Clock Input/Output
(negative)
AV21
SERDES2_REFCLK_P (1)
IO
Serdes Reference Clock Input/Output
(positive)
AV22
SERDES2_REXT (1) (2)
IO
External Calibration Resistor
AL20
(1)
This signal is not supported on AM69A94, AM6954 devices. Please refer to Device Comparison and Pin Attributes table for the
complete list of supported IP and signals.
(2)
An external 3.01 kΩ ±1% resistor must be connected between this pin and VSS. No external voltage should be applied to this pin.
(3)
DDRSS2, DDRSS3, and SERDES2 are not available on the 27mm package variant of this SoC. DDRSS2/DDRSS3/SERDES2 should
be avoided if software compatibility is desired with systems that use the 27mm package.
Table 5-89. SERDES4 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALY PIN [4]
AND PIN [4]
SERDES4_REFCLK_N
IO
Serdes Reference Clock Input/Output
(negative)
AV16
AK21
SERDES4_REFCLK_P
IO
Serdes Reference Clock Input/Output
(positive)
AV15
AK20
SERDES4_REXT (1)
IO
External Calibration Resistor
AM19
AH23
(1)
An external 3.01 kΩ ±1% resistor must be connected between this pin and VSS. No external voltage should be applied to this pin.
5.3.20 DSI
5.3.20.1 MAIN Domain
Table 5-90. DSI0 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALY PIN [4]
AND PIN [4]
CSI0_TXCLKN
O
CSI Differential Transmit Clock Output
(negative)
AP26
AJ28
CSI0_TXCLKP
O
CSI Differential Transmit Clock Output
(positive)
AP25
AJ27
CSI0_TXN0
O
CSI Differential Transmit Output (negative)
AU27
AL26
CSI0_TXN1
O
CSI Differential Transmit Output (negative)
AT26
AK27
CSI0_TXN2
O
CSI Differential Transmit Output (negative)
AR27
AM25
CSI0_TXN3
O
CSI Differential Transmit Output (negative)
AN24
AN24
CSI0_TXP0
O
CSI Differential Transmit Output (positive)
AU26
AL25
CSI0_TXP1
O
CSI Differential Transmit Output (positive)
AT25
AK26
CSI0_TXP2
O
CSI Differential Transmit Output (positive)
AR26
AM24
CSI0_TXP3
O
CSI Differential Transmit Output (positive)
AN23
AN23
DSI0_TXCLKN
O
DSI Transmit clock (negative)
AP26
AJ28
DSI0_TXCLKP
O
DSI Transmit clock (positive)
AP25
AJ27
DSI0_TXRCALIB (1)
A
DSI Transmit Calibration Resistor
AM24
AH25
DSI0_TXN0
IO
DSI Transmit (negative)
AU27
AL26
DSI0_TXN1
O
DSI Transmit (negative)
AT26
AK27
DSI0_TXN2
O
DSI Transmit (negative)
AR27
AM25
DSI0_TXN3
O
DSI Transmit (negative)
AN24
AN24
AM69A, AM69
SPRSP92D – FEBRUARY 2023 – REVISED DECEMBER 2024
www.ti.com
124
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: AM69A AM69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com