Electronic Components Datasheet Search
  English  ▼

X  

AM69 Datasheet(PDF) 151 Page - Texas Instruments

Part # AM69
Description  AM69x Processors, Silicon Revision 1.0
PDF  326 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM69 Datasheet(HTML) 151 Page - Texas Instruments

Back Button AM69 Datasheet HTML 147Page - Texas Instruments AM69 Datasheet HTML 148Page - Texas Instruments AM69 Datasheet HTML 149Page - Texas Instruments AM69 Datasheet HTML 150Page - Texas Instruments AM69 Datasheet HTML 151Page - Texas Instruments AM69 Datasheet HTML 152Page - Texas Instruments AM69 Datasheet HTML 153Page - Texas Instruments AM69 Datasheet HTML 154Page - Texas Instruments AM69 Datasheet HTML 155Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 326 page
background image
6.3 Power-On-Hour (POH) Limits
IP(1) (2) (3) VOLTAGE DOMAIN
VOLTAGE (V)
(MAX)
FREQUENCY
(MHz) (MAX)
Tj(°C)
POH
All
100%
All
All Supported OPPs
Automotive -40°C to 125°C
(4)
20000
All
100%
All
All Supported OPPs
Extended -40°C to 105°C
100000
All
100%
All
All Supported OPPs
Commercial 0°C to 90°C
100000
(1)
The information in the section below is provided solely for your convenience and does not extend or modify the warranty provided
under TI’s standard terms and conditions for TI semiconductor products.
(2)
Unless specified in the table above, all voltage domains and operating conditions are supported in the device at the noted
temperatures
(3)
POH is a functional of voltage, temperature and time. Usage at higher voltages and temperatures will result in a reduction in POH to
achieve the same reliability performance. For assessment of alternate use cases, contact your local TI representative.
(4)
Automotive profile is defined as 20000 power on hours with junction temperature as follows: 5%@-40°C, 65%@70°C, 20%@110°C,
10%@125°C.
6.4 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
SUPPLY NAME
DESCRIPTION
MIN(1)
NOM
MAX(1)
UNIT
VDD_CORE
Boot/Active voltage for MAIN domain core supply
0.76(1)
0.8
0.84(1)
V
VDD_MCU
Boot/Active voltage for MCUSS core supply
0.76(1)
0.8
0.89(1)
V
VDD_CPU
Boot voltage for CPU core supply, applied at cold
power up event
0.76(1)
0.8
0.84(1)
V
Active voltage for CPU core supply, after AVS mode
enabled in software
AVS(3)–
5%(1)
AVS(3) AVS(3)+5%
(1)
V
VDD_CPU AVS Range
AVS valid voltage range for VDD_CPU
0.6
0.9
V
VDDAR_*(5)
RAM supplis
0.81
0.85
0.89
V
VDDA_0P8_*(5)
Analog supplies for 0.8V domains
0.76
0.8
0.84
V
VDDA_1P8_*(5)
Analog supplies for 1.8V PHY domains
1.71
1.8
1.89
V
VDDA_3P3_USB(5)
Analog supply for 3.3V USB domain
3.14
3.3
3.46
V
VDDA_*(5)
Analog supply for 1.8V PLL and other domains
1.71
1.8
1.89
V
VDDA_*
Peak to Peak Noise for all VDDA inputs
25
mV
VDDS_DDR_*(5)
DDR inteface power supply
1.06
1.1
1.15
V
VDDS_MMC0
MMC0 IO supply
1.71
1.8
1.89
V
VDDSHV*(5)
Dual Voltage LVCMOS IO
supplies
1.8-V operation
1.71
1.8
1.89
V
3.3-V operation
3.14
3.3
3.46
V
USB0_VBUS
Voltage range for USB VBUS comparator input
0
See (4)
3.46
V
USB0_ID
Voltage range for the USB ID input
See (2)
V
VSS
Ground
0
V
TJ
Operating junction temperature
range
Automotive
–40
125
°C
Extended
-40
105
°C
Commercial
0
90
°C
(1)
For all VDD* supply inputs, the voltage at the device ball must never be below the MIN voltage or above the MAX voltage for any
amount of time. This requirement includes dynamic voltage events such as AC ripple, voltage transients, voltage dips, and so forth.
This is required for all supply inputs, but special care should be given to the VDD_CORE, VDD_MCU, and VDD_CPU domains which
have higher transient current demand compared to other rails.
(2)
This terminal is connected to analog circuits in the respective USB PHY. The circuit sources a known current while measuring the
voltage to determine if the terminal is connected to VSS with a resistance less than 10 Ω or greater than 100 kΩ. The terminal should
be connected to ground for USB host operation or open-circuit for USB peripheral operation, and should never be connected to any
external voltage source.
(3)
The AVS Voltages are device-dependent, voltage domain-dependent, and OPP-dependent. They must be read from the
VTM_DEVINFO_VDn. For information about VTM_DEVINFO_VDn Registers address, please refer to Voltage and Thermal Manager
section in the device TRM. The power supply should be adjustable over the ranges shown in the VDD_CPU AVS Range entry.
www.ti.com
AM69A, AM69
SPRSP92D – FEBRUARY 2023 – REVISED DECEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
151
Product Folder Links: AM69A AM69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com