Electronic Components Datasheet Search
  English  ▼

X  

CC1352P Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # CC1352P
Description  CC2674P10 SimpleLink™ High-Performance Multiprotocol 2.4GHz Wireless MCU with Integrated Power Amplifier
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC1352P Datasheet(HTML) 2 Page - Texas Instruments

  CC1352P Datasheet HTML 1Page - Texas Instruments CC1352P Datasheet HTML 2Page - Texas Instruments CC1352P Datasheet HTML 3Page - Texas Instruments CC1352P Datasheet HTML 4Page - Texas Instruments CC1352P Datasheet HTML 5Page - Texas Instruments CC1352P Datasheet HTML 6Page - Texas Instruments CC1352P Datasheet HTML 7Page - Texas Instruments CC1352P Datasheet HTML 8Page - Texas Instruments CC1352P Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 75 page
background image
Package
• 7mm × 7mm RGZ VQFN48 (26 GPIOs)
• 8mm × 8mm RSK VQFN64 (42 GPIOs)
• RoHS-compliant package
2 Applications
• 2400MHz to 2480MHz ISM and SRD systems 1
with down to 4kHz of receive bandwidth
• Building automation
– Building security systems—motion detector,
electronic smart lock, door and window sensor,
garage door system, gateway
– HVAC—thermostat, wireless environmental
sensor, HVAC system controller, gateway
– Fire safety system—smoke and heat detector,
fire alarm control panel (FACP)
– Video surveillance—IP network camera
– Elevators and escalators—elevator main
control panel for elevators and escalators
• Industrial transportation—asset tracking
• Factory automation and control
• Medical
– Personal care and fitness
– Patient monitoring and diagnostics—medical
sensor patches, multiparameter patient monitor
– Medical equipment
– Home healthcare—blood glucose monitor,
pulse oximeter
• Electronic point of sale (EPOS)—Electronic Shelf
Label (ESL)
• Communication equipment
– Wired networking—wireless LAN or Wi-Fi
access points, edge router
• Personal electronics
– Portable electronics—RF smart remote control
– Home theater and entertainment—smart
speakers, smart display, set-top box
– Connected peripherals—consumer wireless
module, pointing devices, keyboards and
keypads
– Gaming—electronic and robotic toys
– Wearables (non-medical)—smart trackers,
smart clothing
3 Description
The SimpleLink™ CC2674P10 device is a multiprotocol and multiband 2.4GHz wireless microcontroller (MCU)
supporting Thread, Zigbee, Bluetooth® 5.3 Low Energy, IEEE 802.15.4, IPv6-enabled smart objects (6LoWPAN),
proprietary systems, including the TI 15.4-Stack (2.4GHz), and concurrent multiprotocol through a Dynamic
Multiprotocol Manager (DMM) driver. The device is optimized for low-power wireless communication and
advanced sensing in building security systems, HVAC, medical, wired networking, portable electronics, and
home theater & entertainment markets. The highlighted features of this device include:
• Arm® TrustZone® based secure key storage, device ID, and trusted functions support
• Wide flexibility of protocol stack support in the SimpleLink LOWPOWER F2 Software Development Kit (SDK)
• Longer battery life wireless applications with low standby current of 0.92µA with full 256kB SRAM retention
• Enablement of long-range and low-power applications using integrated +20dBm high-power amplifier with
best-in-class transmit current consumption at 101mA for 2.4GHz operation
• Low SER (Soft Error Rate) FIT (Failure-in-time) for long operation lifetime with no disruption for industrial
markets with always-on SRAM parity against corruption due to potential radiation events
• Dedicated software-controlled radio controller (Arm® Cortex®-M0) providing flexible low-power RF transceiver
capability to support multiple physical layers and RF standards
• Excellent radio sensitivity and robustness (selectivity and blocking) performance for Bluetooth ® Low Energy
(–105dBm for 125kbps LE Coded PHY)
The CC2674P10 device is part of the SimpleLink™ MCU platform, which consists of Wi-Fi®, Bluetooth® Low
Energy, Thread, Zigbee®, Sub-1GHz MCUs, and host MCUs that all share a common, easy-to-use development
environment with a single core software development kit (SDK) and rich tool set. A one-time integration of the
SimpleLink™ platform enables you to add any combination of the portfolio’s devices into your design, allowing
100 percent code reuse when your design requirements change. For more details, see the SimpleLink MCU
platform.
In addition to the software compatibility, within the multiband wireless MCUs, there is pin-to-pin compatibility from
352kB of flash up to 1MB of flash in the 7mm × 7mm QFN package for maximum design scalability. For more
information on TI's 2.4GHz devices, see www.ti.com/bluetooth.
1 See RF Core for additional details on supported protocol standards, modulation formats, and data rates.
CC2674P10
SWRS269B – JUNE 2023 – REVISED FEBRUARY 2025
www.ti.com
2
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: CC2674P10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com