Electronic Components Datasheet Search
  English  ▼

X  

CC1352P Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # CC1352P
Description  CC2674P10 SimpleLink™ High-Performance Multiprotocol 2.4GHz Wireless MCU with Integrated Power Amplifier
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC1352P Datasheet(HTML) 13 Page - Texas Instruments

Back Button CC1352P Datasheet HTML 9Page - Texas Instruments CC1352P Datasheet HTML 10Page - Texas Instruments CC1352P Datasheet HTML 11Page - Texas Instruments CC1352P Datasheet HTML 12Page - Texas Instruments CC1352P Datasheet HTML 13Page - Texas Instruments CC1352P Datasheet HTML 14Page - Texas Instruments CC1352P Datasheet HTML 15Page - Texas Instruments CC1352P Datasheet HTML 16Page - Texas Instruments CC1352P Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 75 page
background image
7 Specifications
7.1 Absolute Maximum Ratings
Over operating free-air temperature range (unless otherwise noted)(1) (2)
MIN
MAX
UNIT
VDDS(3)
Supply voltage
–0.3
4.1
V
Voltage on any digital pin(4) (5)
–0.3
VDDS + 0.3, max 4.1
V
Voltage on crystal oscillator pins, X32K_Q1, X32K_Q2, X48M_N and X48M_P
–0.3
VDDR + 0.3, max 2.25
V
Vin
Voltage on ADC input
Voltage scaling enabled
–0.3
VDDS
V
Voltage scaling disabled, internal reference
–0.3
1.49
Voltage scaling disabled, VDDS as reference
–0.3
VDDS / 2.9
Tstg
Storage temperature
–40
150
°C
(1)
Operation outside the Absolute Maximum Ratings may cause permanent device damage. Absolute Maximum Ratings do not imply
functional operation of the device at these or any other conditions beyond those listed under Recommended Operating Conditions. If
outside the Recommended Operating Conditions but within the Absolute Maximum Ratings, the device may not be fully functional, and
this may affect device reliability, functionality, performance, and shorten the device lifetime.
(2)
All voltage values are with respect to ground, unless otherwise noted.
(3)
VDDS_DCDC, VDDS2, and VDDS3 must be at the same potential as VDDS.
(4)
Including analog-capable DIOs
(5)
Injection current is not supported on any GPIO pin.
7.2 ESD Ratings
VALUE
UNIT
VESD
Electrostatic discharge
Human body model (HBM), per ANSI/ESDA/JEDEC JS001(1)
All pins
±2000
V
Charged device model (CDM), per JESD22-C101(2)
All pins
±500
V
(1)
JEDEC document JEP155 states that 500V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250V CDM allows safe manufacturing with a standard ESD control process.
7.3 Recommended Operating Conditions
Over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
Operating supply voltage (VDDS)
1.8
3.8
V
Rising supply voltage slew rate
0
100
mV/µs
Falling supply voltage slew rate(1)
0
20
mV/µs
(1)
For small coin-cell batteries, with high worst-case end-of-life equivalent source resistance, a 22µF VDDS input capacitor must be used
to ensure compliance with this slew rate.
7.4 3VModules
Over operating free-air temperature range (unless otherwise noted).
PARAMETER
MIN
TYP
MAX
UNIT
VDDS Power-on-Reset (POR) threshold
1.1 –1.55
V
VDDS Brown-out Detector (BOD) (1)
Rising threshold
1.77
V
VDDS Brown-out Detector (BOD), before initial boot (2)
Rising threshold
1.70
V
VDDS Brown-out Detector (BOD) (1)
Falling threshold
1.75
V
(1)
For boost mode (VDDR =1.95V), TI drivers software initialization will trim VDDS BOD limits to maximum (approximately 2.0V).
(2)
Brown-out Detector is trimmed at initial boot, value is kept until device is reset by a POR reset or the RESET_N pin.
www.ti.com
CC2674P10
SWRS269B – JUNE 2023 – REVISED FEBRUARY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: CC2674P10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com