Electronic Components Datasheet Search
  English  ▼

X  

CC1352P Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # CC1352P
Description  CC2674P10 SimpleLink™ High-Performance Multiprotocol 2.4GHz Wireless MCU with Integrated Power Amplifier
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC1352P Datasheet(HTML) 21 Page - Texas Instruments

Back Button CC1352P Datasheet HTML 17Page - Texas Instruments CC1352P Datasheet HTML 18Page - Texas Instruments CC1352P Datasheet HTML 19Page - Texas Instruments CC1352P Datasheet HTML 20Page - Texas Instruments CC1352P Datasheet HTML 21Page - Texas Instruments CC1352P Datasheet HTML 22Page - Texas Instruments CC1352P Datasheet HTML 23Page - Texas Instruments CC1352P Datasheet HTML 24Page - Texas Instruments CC1352P Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 75 page
background image
7.13 Zigbee and Thread - IEEE 802.15.4–2006 2.4GHz (OQPSK DSSS1:8, 250kbps)—TX
Measured on the LP-EM-CC1354P10–1 reference design with Tc = 25°C, VDDS = 3.0V, fRF= 2440MHz with
DC/DC enabled and high power PA connected to VDDS unless otherwise noted.
All measurements are performed at the antenna input with a combined RX and TX path and through an RF switch as part of
the reference design. All measurements are performed conducted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX UNIT
General Parameters
Max output power, high
power PA(1)
Differential mode, delivered to a single-ended 50Ω load through a balun
19.5
dBm
Output power
programmable range,
high power PA(1)
Differential mode, delivered to a single-ended 50Ω load through a balun
6
dB
Max output power,
high power PA, 10dBm
configuration(2)
Differential mode, delivered to a single-ended 50Ω load through a balun
10.2
dBm
Output power
programmable range,
high power PA, 10dBm
configuration(2)
Differential mode, delivered to a single-ended 50Ω load through a balun
5
dB
Max output power,
regular PA
Differential mode, delivered to a single-ended 50Ω load through a balun
5
dBm
Output power
programmable range,
regular PA
Differential mode, delivered to a single-ended 50Ω load through a balun
26
dB
Spurious emissions and harmonics
Spurious emissions,
high-power PA(3)
f < 1GHz, outside restricted
bands
+20dBm setting(1)
< –39
dBm
f < 1GHz, restricted bands FCC
< –49
dBm
f > 1GHz, including harmonics
–40
dBm
Harmonics,
high-power PA(4)
Second harmonic
–35
dBm
Third harmonic
–42
dBm
Spurious emissions,
high-power PA, 10dBm
configuration(2) (3)
f < 1GHz, outside restricted
bands
+10dBm setting(2)
< –36
dBm
f < 1GHz, restricted bands ETSI
< –47
dBm
f < 1GHz, restricted bands FCC
< –55
dBm
f > 1GHz, including harmonics
–42
dBm
Harmonics,
high-power PA, 10dBm
configuration(2)
Second harmonic
< –42
dBm
Third harmonic
< –42
dBm
Spurious emissions,
regular PA (4)
f < 1GHz, outside restricted
bands
+5dBm setting
< –36
dBm
f < 1GHz, restricted bands ETSI
< –47
dBm
f < 1GHz, restricted bands FCC
< –55
dBm
f > 1GHz, including harmonics
< –42
dBm
Harmonics,
regular PA
Second harmonic
< –42
dBm
Third harmonic
< –42
dBm
IEEE 802.15.4–2006 2.4GHz (OQPSK DSSS1:8, 250kbps)
Error vector magnitude,
high power PA
+20dBm setting
2%
—
Error vector magnitude,
high power PA, 10dBm
configuration(2)
+10dBm setting
2%
—
Error vector magnitude
Regular PA
+5dBm setting
2%
—
(1)
Measured on the CC1352–7PEM-XD7793-XD24-PA24 reference design.
(2)
Measured on the LP-CC1354P–8x8-XD7793-XD24-PA24–10dBm reference design.
(3)
To ensure margins for passing FCC band edge requirements at 2483.5MHz, a lower than maximum output-power setting or less than
100% duty cycle may be used when operating at the upper 802.15.4 channel(s).
www.ti.com
CC2674P10
SWRS269B – JUNE 2023 – REVISED FEBRUARY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: CC2674P10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com