Electronic Components Datasheet Search
  English  ▼

X  

CC1352P Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # CC1352P
Description  CC2674P10 SimpleLink™ High-Performance Multiprotocol 2.4GHz Wireless MCU with Integrated Power Amplifier
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC1352P Datasheet(HTML) 10 Page - Texas Instruments

Back Button CC1352P Datasheet HTML 6Page - Texas Instruments CC1352P Datasheet HTML 7Page - Texas Instruments CC1352P Datasheet HTML 8Page - Texas Instruments CC1352P Datasheet HTML 9Page - Texas Instruments CC1352P Datasheet HTML 10Page - Texas Instruments CC1352P Datasheet HTML 11Page - Texas Instruments CC1352P Datasheet HTML 12Page - Texas Instruments CC1352P Datasheet HTML 13Page - Texas Instruments CC1352P Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 75 page
background image
6.5 Signal Descriptions—RSK Package
Table 6-3. Signal Descriptions—RSK Package
PIN
I/O
TYPE
DESCRIPTION
NAME
NO.
DCDC_SW
47
—
Power
Output from internal DC/DC converter(1)
DCOUPL
31
—
Power
For decoupling of internal 1.27V regulated digital-supply (2)
DIO_3
12
I/O
Digital
GPIO
DIO_4
13
I/O
Digital
GPIO
DIO_5
14
I/O
Digital
GPIO, high-drive capability
DIO_6
15
I/O
Digital
GPIO, high-drive capability
DIO_7
16
I/O
Digital
GPIO, high-drive capability
DIO_8
18
I/O
Digital
GPIO
DIO_9
19
I/O
Digital
GPIO
DIO_10
20
I/O
Digital
GPIO
DIO_11
21
I/O
Digital
GPIO
DIO_12
26
I/O
Digital
GPIO
DIO_13
27
I/O
Digital
GPIO
DIO_14
28
I/O
Digital
GPIO
DIO_15
29
I/O
Digital
GPIO
DIO_16
34
I/O
Digital
GPIO, JTAG_TDO, high-drive capability
DIO_17
35
I/O
Digital
GPIO, JTAG_TDI, high-drive capability
DIO_18
36
I/O
Digital
GPIO
DIO_19
37
I/O
Digital
GPIO
DIO_20
38
I/O
Digital
GPIO
DIO_21
39
I/O
Digital
GPIO
DIO_22
40
I/O
Digital
GPIO
DIO_23
50
I/O
Digital or Analog
GPIO, analog capability
DIO_24
51
I/O
Digital or Analog
GPIO, analog capability
DIO_25
52
I/O
Digital or Analog
GPIO, analog capability
DIO_26
53
I/O
Digital or Analog
GPIO, analog capability
DIO_27
54
I/O
Digital or Analog
GPIO, analog capability
DIO_28
55
I/O
Digital or Analog
GPIO, analog capability
DIO_29
56
I/O
Digital or Analog
GPIO, analog capability
DIO_30
57
I/O
Digital
GPIO, analog capability
DIO_34
10
I/O
Digital
GPIO
DIO_35
11
I/O
Digital
GPIO
DIO_36
22
I/O
Digital
GPIO
DIO_37
23
I/O
Digital
GPIO
DIO_38
24
I/O
Digital
GPIO
DIO_39
25
I/O
Digital
GPIO
DIO_40
41
I/O
Digital
GPIO
DIO_41
42
I/O
Digital
GPIO
DIO_42
43
I/O
Digital
GPIO
DIO_43
44
I/O
Digital
GPIO
DIO_44
45
I/O
Digital
GPIO
DIO_45
46
I/O
Digital
GPIO
DIO_46
58
I/O
Digital
GPIO
CC2674P10
SWRS269B – JUNE 2023 – REVISED FEBRUARY 2025
www.ti.com
10
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: CC2674P10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com