Electronic Components Datasheet Search
  English  ▼

X  

CC1352P Datasheet(PDF) 59 Page - Texas Instruments

Click here to check the latest version.
Part # CC1352P
Description  CC2674P10 SimpleLink™ High-Performance Multiprotocol 2.4GHz Wireless MCU with Integrated Power Amplifier
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC1352P Datasheet(HTML) 59 Page - Texas Instruments

Back Button CC1352P Datasheet HTML 55Page - Texas Instruments CC1352P Datasheet HTML 56Page - Texas Instruments CC1352P Datasheet HTML 57Page - Texas Instruments CC1352P Datasheet HTML 58Page - Texas Instruments CC1352P Datasheet HTML 59Page - Texas Instruments CC1352P Datasheet HTML 60Page - Texas Instruments CC1352P Datasheet HTML 61Page - Texas Instruments CC1352P Datasheet HTML 62Page - Texas Instruments CC1352P Datasheet HTML 63Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 75 page
background image
displays, and more. The built-in EnergyTrace™ software is an energy-based code analysis
tool that measures and displays the application’s energy profile and helps to optimize it for
ultra-low power consumption.
The RF configuration of the LaunchPad enables up to +14dBm output power for 863MHz
to 930MHz and +10dBm output power for 2.4GHz (it can be extended to +20dBm with a
change of parts on the RF filter).
LP-XDS110
LaunchPad™
Debug Probe
The LP-XDS110 LaunchPad™ Debug Probe enables the development of high-performance
wireless applications in the entire family of LP-EM LaunchPad™ development boards.
Featuring a seamless connection with the new 20-pin LP-EM Debug connector, it supports
not only multiple standards such as JTAG/cJTAG/SWD but also a UART backchannel for
maximum debugging flexibility. It also features an Arm® 10-pin Debug connector to perform
debugging on any custom board.
LP-XDS110ET
LaunchPad™
Debug Probe
The LP-XDS110ET LaunchPad™ Debug Probe enables the development of high-
performance wireless applications in the entire family of LP-EM LaunchPad™ development
boards. Featuring a seamless connection with the new 20-pin LP-EM Debug connector,
it supports not only multiple standards such as JTAG/cJTAG/SWD but also a UART
backchannel for maximum debugging flexibility. In addition, it also features an Arm® 10-pin
Debug connector to perform debugging on any custom board. This Debug Probe also
features the XDS110 EnergyTrace™ technology, which is a new method for measuring the
current consumption that captures the complete operational profile of the wireless MCU.
TMDSEMU110-U
Debug Probe
The TMDSEMU110-U Debug Probe enables the development of high-performance wireless
applications in the entire family of SimpleLink™ LaunchPad™ development boards.
Featuring a convenient enclosure, which grants the proper mechanical robustness for
field and production environments, it supports not only multiple standards such as JTAG/
cJTAG/SWD but also a UART backchannel and four GPIOs for maximum debugging
flexibility. In addition, the expansion connector allows using the TMDSEMU110-ETH add-
on (sold separately), which adds the full-featured XDS110 EnergyTrace™ technology with
variable supply voltage from 1.8V to 3.6V and up to 800mA of supply current. The XDS110
EnergyTrace™ technology is a new method for measuring the current consumption that
captures the complete operational profile of the wireless MCU.
Software
SimpleLink™
LOWPOWER F2
SDK
The SimpleLink™ LOWPOWER F2 Software Development Kit (SDK) provides a complete
package for the development of wireless applications on the CC13XX / CC26XX family of
devices. The SDK includes a comprehensive software package for the CC2674P10 device,
including the following protocol stacks:
• Bluetooth Low Energy 4 and 5.3
• Thread (based on OpenThread)
• TI Z-Stack (Zigbee 3.0)
• TI 15.4-Stack—an IEEE 802.15.4-based star networking solution for Sub-1GHz and
2.4GHz
• EasyLink - a large set of building blocks for building proprietary RF software stacks
• Multiprotocol support—concurrent operation between stacks using the Dynamic
Multiprotocol Manager (DMM)
• TI Wi-SUN FAN Stack
• Matter
The SimpleLink™ LOWPOWER F2 SDK is part of TI’s SimpleLink™ MCU platform, offering
a single development environment that delivers flexible hardware, software, and tool options
www.ti.com
CC2674P10
SWRS269B – JUNE 2023 – REVISED FEBRUARY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
59
Product Folder Links: CC2674P10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com