Electronic Components Datasheet Search
  English  ▼

X  

CC1352P Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # CC1352P
Description  CC2674P10 SimpleLink™ High-Performance Multiprotocol 2.4GHz Wireless MCU with Integrated Power Amplifier
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC1352P Datasheet(HTML) 24 Page - Texas Instruments

Back Button CC1352P Datasheet HTML 20Page - Texas Instruments CC1352P Datasheet HTML 21Page - Texas Instruments CC1352P Datasheet HTML 22Page - Texas Instruments CC1352P Datasheet HTML 23Page - Texas Instruments CC1352P Datasheet HTML 24Page - Texas Instruments CC1352P Datasheet HTML 25Page - Texas Instruments CC1352P Datasheet HTML 26Page - Texas Instruments CC1352P Datasheet HTML 27Page - Texas Instruments CC1352P Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 75 page
background image
7.14.3.5 32.768 kHz Crystal Oscillator (XOSC_LF) (continued)
Measured on a Texas Instruments reference design with Tc = 25°C, VDDS = 3.0V, unless otherwise noted.
MIN
TYP
MAX
UNIT
CL
Crystal load capacitance
6
7(1)
12
pF
(1)
Default load capacitance using TI reference designs including parasitic capacitance. Crystals with different load capacitance may be
used.
7.14.3.6 32kHz RC Oscillator (RCOSC_LF)
Measured on a Texas Instruments reference design with Tc = 25°C, VDDS = 3.0V, unless otherwise noted.
MIN
TYP
MAX
UNIT
Calibrated frequency
32.8 (1)
kHz
Temperature coefficient.
50
ppm/°C
(1)
When using RCOSC_LF as source for the low frequency system clock (SCLK_LF), the accuracy of the SCLK_LF-derived Real Time
Clock (RTC) can be improved by measuring RCOSC_LF relative to XOSC_HF and compensating for the RTC tick speed. This
functionality is available through the TI-provided Power driver.
7.14.4 Serial Peripheral Interface (SPI) Characteristics
7.14.4.1 SPI Characteristics
over operating free-air temperature range (unless otherwise noted).
PARAMETERS
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fSCLK
1/tsclk
SPI clock frequency
Master Mode
1.8 < VDDS < 3.8
12
MHz
Slave Mode
2.7 < VDDS < 3.8
8
Slave Mode
VDDS < 2.7
7
DCSCK SCK Duty Cycle
45%
50%
55%
—
7.14.4.2 SPI Master Mode
over operating free-air temperature range (unless otherwise noted).
PARAMETERS
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tSCLK_H/
L
SCLK High or Low time
(tSPI/2) - 1
tSPI / 2 (tSPI/2) + 1
ns
tCS.LEAD
CS lead-time, CS active to
clock
1
SCLK
tCS.LAG
CS lag time, Last clock to CS
inactive
1
SCLK
tCS.ACC
CS access time, CS active to
MOSI data out
1
SCLK
tCS.DIS
CS disable time, CS inactive to
MOSI high inpedance
1
SCLK
tSU.MI
MISO input data setup time(1)
VDDS = 3.3V
12.5
ns
tSU.MI
MISO input data setup time
VDDS = 1.8V
23.5
ns
tHD.MI
MISO input data hold time
0
ns
tVALID.M
O
MOSI output data valid time(2)
SCLK edge to MOSI valid,CL = 20 pF (4)
13
ns
tHD.MO MOSI output data hold time(3)
CL = 20 pF
0
ns
(1)
The MISO input data setup time can be fully compensated when delayed sampling feature is enabled.
(2)
Specifies the time to drive the next valid data to the output after the output changing SCLK clock edge.
(3)
Specifies how long data on the output is valid after the output changing SCLK clock edge.
CC2674P10
SWRS269B – JUNE 2023 – REVISED FEBRUARY 2025
www.ti.com
24
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: CC2674P10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com