Electronic Components Datasheet Search
  English  ▼

X  

CC1352P Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # CC1352P
Description  CC2674P10 SimpleLink™ High-Performance Multiprotocol 2.4GHz Wireless MCU with Integrated Power Amplifier
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC1352P Datasheet(HTML) 11 Page - Texas Instruments

Back Button CC1352P Datasheet HTML 7Page - Texas Instruments CC1352P Datasheet HTML 8Page - Texas Instruments CC1352P Datasheet HTML 9Page - Texas Instruments CC1352P Datasheet HTML 10Page - Texas Instruments CC1352P Datasheet HTML 11Page - Texas Instruments CC1352P Datasheet HTML 12Page - Texas Instruments CC1352P Datasheet HTML 13Page - Texas Instruments CC1352P Datasheet HTML 14Page - Texas Instruments CC1352P Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 75 page
background image
Table 6-3. Signal Descriptions—RSK Package (continued)
PIN
I/O
TYPE
DESCRIPTION
NAME
NO.
DIO_47
59
I/O
Digital
GPIO
EGP
—
—
GND
Ground—exposed ground pad(3)
JTAG_TMSC
32
I/O
Digital
JTAG TMSC, high-drive capability
JTAG_TCKC
33
I
Digital
JTAG TCKC
NC
3
—
—
No Connect
NC
4
—
—
No Connect
RESET_N
49
I
Digital
Reset, active low. No internal pullup resistor
RF_P_2_4GHZ
1
—
RF
Positive 2.4GHz RF input signal to LNA during RX
Positive 2.4GHz RF output signal from PA during TX
RF_N_2_4GHZ
2
—
RF
Negative 2.4GHz RF input signal to LNA during RX
Negative 2.4GHz RF output signal from PA during TX
RX_TX
7
—
RF
Optional bias pin for the RF LNA
TX_20DBM_P
5
—
RF
Positive Sub-1GHz or 2.4GHz high-power TX signal
TX_20DBM_N
6
—
RF
Negative Sub-1GHz or 2.4GHz high-power TX signal
VDDR
61
—
Power
Internal supply, must be powered from the internal DC/DC
converter or the internal LDO(2) (4) (6)
VDDR_RF
64
—
Power
Internal supply, must be powered from the internal DC/DC
converter or the internal LDO(2) (5) (6)
VDDS
60
—
Power
1.8V to 3.8V main chip supply(1)
VDDS2
17
—
Power
1.8V to 3.8V DIO supply(1)
VDDS3
30
—
Power
1.8V to 3.8V DIO supply(1)
VDDS_DCDC
48
—
Power
1.8V to 3.8V DC/DC converter supply
X48M_N
62
—
Analog
48MHz crystal oscillator pin N
X48M_P
63
—
Analog
48MHz crystal oscillator pin P
X32K_Q1
8
—
Analog
32kHz crystal oscillator pin 1
X32K_Q2
9
—
Analog
32kHz crystal oscillator pin 2
(1)
For more details, see technical reference manual listed in the documentation support section.
(2)
Do not supply external circuitry from this pin.
(3)
EGP is the only ground connection for the device. Good electrical connection to device ground on printed circuit board (PCB) is
imperative for proper device operation.
(4)
If internal DC/DC converter is not used, this pin is supplied internally from the main LDO.
(5)
If internal DC/DC converter is not used, this pin must be connected to VDDR for supply from the main LDO.
(6)
Output from internal DC/DC and LDO is trimmed to 1.68V.
www.ti.com
CC2674P10
SWRS269B – JUNE 2023 – REVISED FEBRUARY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: CC2674P10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com