Electronic Components Datasheet Search
  English  ▼

X  

CC1352P Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CC1352P
Description  CC2674P10 SimpleLink™ High-Performance Multiprotocol 2.4GHz Wireless MCU with Integrated Power Amplifier
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC1352P Datasheet(HTML) 1 Page - Texas Instruments

  CC1352P Datasheet HTML 1Page - Texas Instruments CC1352P Datasheet HTML 2Page - Texas Instruments CC1352P Datasheet HTML 3Page - Texas Instruments CC1352P Datasheet HTML 4Page - Texas Instruments CC1352P Datasheet HTML 5Page - Texas Instruments CC1352P Datasheet HTML 6Page - Texas Instruments CC1352P Datasheet HTML 7Page - Texas Instruments CC1352P Datasheet HTML 8Page - Texas Instruments CC1352P Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 75 page
background image
CC2674P10 SimpleLink™ High-Performance Multiprotocol 2.4GHz Wireless MCU with
Integrated Power Amplifier
1 Features
Wireless microcontroller
• Powerful 48MHz Arm® Cortex®-M33 processor
with TrustZone®
• FPU and DSP extension
• 1024kB flash program memory
• 8kB of cache SRAM
• 256kB of ultra-low leakage SRAM with parity for
high-reliability operation
– 32kB of additional SRAM if parity is disabled
• Dynamic multiprotocol manager (DMM) driver
• Programmable radio includes support for 2-
(G)FSK, 4-(G)FSK, MSK, Bluetooth® 5.3 Low
Energy, IEEE 802.15.4 PHY, and MAC
• Supports over-the-air update (OTA)
Ultra-low power sensor controller
• Autonomous MCU with 4kB of SRAM
• Sample, store, and process sensor data
• Fast wake-up for low-power operation
• Software defined peripherals; capacitive touch,
flow meter, LCD
Low power consumption
• MCU consumption:
– 4.0mA active mode, CoreMark®
– 83μA/MHz running CoreMark®
– 1.19μA standby mode, RTC, 256kB SRAM
– 0.13μA shutdown mode, wake-up on pin
• Ultra-low-power sensor controller consumption
– 32μA in 2MHz mode
– 849μA in 24MHz mode
• Radio consumption:
– 6.4mA RX at 2.4GHz
– 25mA TX at +10dBm at 2.4GHz
– 102mA TX at +20dBm at 2.4GHz
– 6.9mA TX at 0dBm at 2.4GHz
Wireless protocol support
• Thread, Zigbee®, Matter
• Bluetooth® 5.3 Low Energy
• 6LoWPAN
• Proprietary Systems
High-performance radio
• -105dBm for Bluetooth® Low Energy 125kbps
• -105dBm for IEEE 802.15.4-2006 2.4GHz OQPSK
(coherent modem)
• Output power up to +20dBm with temperature
compensation
Regulatory compliance
• Designed for systems targeting compliance with
these standards:
– EN 300 328, EN 300 440 Cat. 2 and 3
– FCC CFR47 Part 15
– ARIB STD-T66
MCU peripherals
• Most digital peripherals can be routed to any GPIO
• Four 32-bit or eight 16-bit general-purpose timers
• 12-bit SAR ADC, 200ksps, 8 channels
• 8-bit DAC
• Two comparators
• Programmable current source
• Four UART, four SPI, two I2C, one I2S
• Real-time clock (RTC)
• Integrated temperature and battery monitor
Security enablers
• Supports secure boot
• Supports secure key storage and device ID
• Arm® TrustZone® for a trusted execution
environment
• AES 128-bit and 256-bit cryptographic accelerator
• Public key accelerator
• SHA2 accelerator (full suite up to SHA-512)
• True random number generator (TRNG)
• Secure debug lock
• Software anti-rollback protection
Development tools and software
• LP-EM-CC1354P10-6 for dual-band and +10dBm
output power on 2.4GHz
• LP-XDS110, LP-XDS110ET or TMDSEMU110-U
(with TMDSEMU110-ETH add-on) Debug Probe
• SimpleLink™ LOWPOWER F2 Software
Development Kit (SDK)
• SmartRF™ Studio for simple radio configuration
• Sensor Controller Studio for building low-power
sensing applications
• SysConfig system configuration tool
Operating range
• On-chip buck DC/DC converter
• 1.8V to 3.8V single supply voltage
• -40°C to +105°C
CC2674P10
SWRS269B – JUNE 2023 – REVISED FEBRUARY 2025
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - CC1352P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC1352P TI1-CC1352P Datasheet
499Kb / 59P
SimpleLink High-Performance Dual-Band Wireless MCU With Integrated Power Amplifier
CC1352P TI1-CC1352P Datasheet
502Kb / 60P
SimpleLink High-Performance Dual-Band Wireless MCU With Integrated Power Amplifier
CC1352P TI-CC1352P Datasheet
2Mb / 58P
CC2652R7 SimpleLink??Multiprotocol 2.4 GHz Wireless MCU
CC1352P TI-CC1352P Datasheet
3Mb / 63P
CC2651P3 SimpleLink??Single-Protocol 2.4 GHz Wireless MCU With Integrated Power Amplifier
MARCH 2022
CC1352P TI-CC1352P Datasheet
2Mb / 72P
CC2652PSIP SimpleLink??Multiprotocol 2.4-GHz Wireless System-in-Package With Integrated Power Amplifier
JUNE 2022
More results

Similar Description - CC1352P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2652R TI1-CC2652R Datasheet
1Mb / 47P
SimpleLink Multiprotocol 2.4-GHz Wireless MCU
CC1352P TI1-CC1352P Datasheet
499Kb / 59P
SimpleLink High-Performance Dual-Band Wireless MCU With Integrated Power Amplifier
CC1352P TI1-CC1352P_18 Datasheet
502Kb / 60P
SimpleLink High-Performance Dual-Band Wireless MCU With Integrated Power Amplifier
CC2652P TI1-CC2652P Datasheet
2Mb / 74P
CC2652P SimpleLink??Multiprotocol 2.4 GHz Wireless MCU With Integrated Power Amplifier
CC1352P7 TI-CC1352P7 Datasheet
3Mb / 82P
CC1352P7 SimpleLink??High-Performance Multi-Band Wireless MCU With Integrated Power Amplifier
CC2652P7 TI-CC2652P7 Datasheet
1Mb / 53P
CC2652P7 SimpleLink??Multiprotocol 2.4 GHz Wireless MCU With Integrated Power Amplifier
NOVEMBER 2021
CC1311P3 TI-CC1311P3 Datasheet
3Mb / 63P
CC1311P3 SimpleLink??High-Performance Sub-1 GHz Wireless MCU With Integrated Power Amplifier
MARCH 2022
CC2674P10 TI-CC2674P10 Datasheet
3Mb / 72P
CC2674P10 SimpleLink™ High-Performance Multiprotocol 2.4-GHz Wireless MCU with Integrated Power Amplifier
REVISED JUNE 2023
CC2674R10 TI1-CC2674R10 Datasheet
3Mb / 69P
CC2674R10 SimpleLink™ High-Performance Multiprotocol 2.4-GHz Wireless MCU
REVISED JUNE 2023
CC1354P10 TI1-CC1354P10 Datasheet
3Mb / 93P
CC1354P10 SimpleLink™ High-Performance Multi-band Wireless MCU With Integrated Power Amplifier
REVISED JUNE 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com