Electronic Components Datasheet Search
  English  ▼

X  

CC1352P Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # CC1352P
Description  CC2674P10 SimpleLink™ High-Performance Multiprotocol 2.4GHz Wireless MCU with Integrated Power Amplifier
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC1352P Datasheet(HTML) 7 Page - Texas Instruments

Back Button CC1352P Datasheet HTML 3Page - Texas Instruments CC1352P Datasheet HTML 4Page - Texas Instruments CC1352P Datasheet HTML 5Page - Texas Instruments CC1352P Datasheet HTML 6Page - Texas Instruments CC1352P Datasheet HTML 7Page - Texas Instruments CC1352P Datasheet HTML 8Page - Texas Instruments CC1352P Datasheet HTML 9Page - Texas Instruments CC1352P Datasheet HTML 10Page - Texas Instruments CC1352P Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 75 page
background image
6.2 Signal Descriptions—RGZ Package
Table 6-1. Signal Descriptions—RGZ Package
PIN
I/O
TYPE
DESCRIPTION
NAME
NO.
DCDC_SW
33
—
Power
Output from internal DC/DC converter(1)
DCOUPL
23
—
Power
For decoupling of internal 1.27V regulated digital-supply (2)
DIO_5
10
I/O
Digital
GPIO, high-drive capability
DIO_6
11
I/O
Digital
GPIO, high-drive capability
DIO_7
12
I/O
Digital
GPIO, high-drive capability
DIO_8
14
I/O
Digital
GPIO
DIO_9
15
I/O
Digital
GPIO
DIO_10
16
I/O
Digital
GPIO
DIO_11
17
I/O
Digital
GPIO
DIO_12
18
I/O
Digital
GPIO
DIO_13
19
I/O
Digital
GPIO
DIO_14
20
I/O
Digital
GPIO
DIO_15
21
I/O
Digital
GPIO
DIO_16
26
I/O
Digital
GPIO, JTAG_TDO, high-drive capability
DIO_17
27
I/O
Digital
GPIO, JTAG_TDI, high-drive capability
DIO_18
28
I/O
Digital
GPIO
DIO_19
29
I/O
Digital
GPIO
DIO_20
30
I/O
Digital
GPIO
DIO_21
31
I/O
Digital
GPIO
DIO_22
32
I/O
Digital
GPIO
DIO_23
36
I/O
Digital or Analog
GPIO, analog capability
DIO_24
37
I/O
Digital or Analog
GPIO, analog capability
DIO_25
38
I/O
Digital or Analog
GPIO, analog capability
DIO_26
39
I/O
Digital or Analog
GPIO, analog capability
DIO_27
40
I/O
Digital or Analog
GPIO, analog capability
DIO_28
41
I/O
Digital or Analog
GPIO, analog capability
DIO_29
42
I/O
Digital or Analog
GPIO, analog capability
DIO_30
43
I/O
Digital or Analog
GPIO, analog capability
EGP
—
—
GND
Ground—exposed ground pad(3)
JTAG_TMSC
24
I/O
Digital
JTAG TMSC, high-drive capability
JTAG_TCKC
25
I
Digital
JTAG TCKC
NC
3
—
—
No Connect
NC
4
—
—
No Connect
RESET_N
35
I
Digital
Reset, active low. No internal pullup resistor
RF_P_2_4GHZ
1
—
RF
Positive 2.4GHz RF input signal to LNA during RX
Positive 2.4GHz RF output signal from PA during TX
RF_N_2_4GHZ
2
—
RF
Negative 2.4GHz RF input signal to LNA during RX
Negative 2.4GHz RF output signal from PA during TX
RX_TX
7
—
RF
Optional bias pin for the RF LNA
TX_20DBM_P
5
—
RF
Positive high-power TX signal
TX_20DBM_N
6
—
RF
Negative high-power TX signal
VDDR
45
—
Power
Internal supply, must be powered from the internal DC/DC
converter or the internal LDO(2) (4) (6)
www.ti.com
CC2674P10
SWRS269B – JUNE 2023 – REVISED FEBRUARY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: CC2674P10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com