Electronic Components Datasheet Search
  English  ▼

X  

CC1352P Datasheet(PDF) 46 Page - Texas Instruments

Click here to check the latest version.
Part # CC1352P
Description  CC2674P10 SimpleLink™ High-Performance Multiprotocol 2.4GHz Wireless MCU with Integrated Power Amplifier
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC1352P Datasheet(HTML) 46 Page - Texas Instruments

Back Button CC1352P Datasheet HTML 42Page - Texas Instruments CC1352P Datasheet HTML 43Page - Texas Instruments CC1352P Datasheet HTML 44Page - Texas Instruments CC1352P Datasheet HTML 45Page - Texas Instruments CC1352P Datasheet HTML 46Page - Texas Instruments CC1352P Datasheet HTML 47Page - Texas Instruments CC1352P Datasheet HTML 48Page - Texas Instruments CC1352P Datasheet HTML 49Page - Texas Instruments CC1352P Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 75 page
background image
7.16.6 ADC Performance
Frequency [kHz]
0.2 0.3
0.5 0.7
1
2
3
4 5 6 7 8 10
20
30 40 50 70 100
9.6
9.9
10.2
10.5
10.8
11.1
11.4
Internal Reference, No Averaging
Internal Unscaled Reference, 14-bit Mode
Figure 7-29. ENOB vs. Input Frequency
Frequency [kHz]
Vin = 3.0 V Sine wave, Internal reference, Fin = Fs ÷ 10
1
2
3
4 5 6 7 8 10
20
30 40 50
70
100
200
9.8
9.85
9.9
9.95
10
10.05
10.1
10.15
10.2
Figure 7-30. ENOB vs. Sampling Frequency
ADC Code
Vin = 3.0 V Sine wave, Internal reference, 200 ksps
0
400
800
1200
1600
2000
2400
2800
3200
3600
4000
-1.5
-1
-0.5
0
0.5
1
1.5
Figure 7-31. INL vs. ADC Code
ADC Code
Vin = 3.0 V Sine wave, Internal reference, 200 ksps
0
400
800
1200
1600
2000
2400
2800
3200
3600
4000
-0.5
0
0.5
1
1.5
2
2.5
Figure 7-32. DNL vs. ADC Code
Temperature [°C]
Vin = 1 V, Internal reference, 200 ksps
-40
-30
-20
-10
0
10
20
30
40
50
60
70
80
90
100105
1
1.001
1.002
1.003
1.004
1.005
1.006
1.007
1.008
1.009
1.01
Figure 7-33. ADC Accuracy vs. Temperature
Voltage [V]
Vin = 1 V, Internal reference, 200 ksps
1.8
2
2.2
2.4
2.6
2.8
3
3.2
3.4
3.6
3.8
1
1.001
1.002
1.003
1.004
1.005
1.006
1.007
1.008
1.009
1.01
Figure 7-34. ADC Accuracy vs. Supply Voltage
(VDDS)
CC2674P10
SWRS269B – JUNE 2023 – REVISED FEBRUARY 2025
www.ti.com
46
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: CC2674P10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com