Electronic Components Datasheet Search
  English  ▼

X  

CC1352P Datasheet(PDF) 49 Page - Texas Instruments

Click here to check the latest version.
Part # CC1352P
Description  CC2674P10 SimpleLink™ High-Performance Multiprotocol 2.4GHz Wireless MCU with Integrated Power Amplifier
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC1352P Datasheet(HTML) 49 Page - Texas Instruments

Back Button CC1352P Datasheet HTML 45Page - Texas Instruments CC1352P Datasheet HTML 46Page - Texas Instruments CC1352P Datasheet HTML 47Page - Texas Instruments CC1352P Datasheet HTML 48Page - Texas Instruments CC1352P Datasheet HTML 49Page - Texas Instruments CC1352P Datasheet HTML 50Page - Texas Instruments CC1352P Datasheet HTML 51Page - Texas Instruments CC1352P Datasheet HTML 52Page - Texas Instruments CC1352P Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 75 page
background image
8.4 Memory
1024kB nonvolatile (Flash) memory provides storage for code and data in two banks. The flash memory is
in-system programmable and erasable. The last flash memory sector must contain a Customer Configuration
section (CCFG) that is used by boot ROM and TI-provided drivers to configure the device. This configuration is
done through the ccfg.c source file that is included in all TI-provided examples.
The ultra-low leakage system static RAM (SRAM) is split into up to eight 32kB blocks and can be used for
both storage of data and execution of code. Retention of SRAM contents in Standby power mode is enabled by
default and included in Standby mode power consumption numbers. Parity checking for detection of bit errors in
memory is built-in, which reduces chip-level soft errors and thereby increases reliability. Parity can be disabled
for an additional 32kB that can be allocated for general-purpose SRAM. System SRAM is always initialized to
zeroes upon code execution from boot.
To improve code execution speed and lower power when executing code from nonvolatile memory, a 4-way
nonassociative 8kB cache is enabled by default to cache and prefetch instructions read by the system CPU.
The cache can be used as a general-purpose RAM by enabling this feature in the Customer Configuration Area
(CCFG).
There is a 4kB ultra-low leakage SRAM available for use with the Sensor Controller Engine which is typically
used for storing Sensor Controller programs, data, and configuration parameters. This RAM is also accessible by
the system CPU. The Sensor Controller RAM is not cleared to zeroes between system resets.
The ROM includes a TI-RTOS kernel and low-level drivers, as well as significant parts of selected radio stacks,
which free up flash memory for the application. The ROM also contains a serial (SPI and UART) bootloader that
can be used for the initial programming of the device.
8.5 Sensor Controller
The Sensor Controller contains circuitry that can be selectively enabled in both Standby and Active power
modes. The peripherals in this domain can be controlled by the Sensor Controller Engine, which is a proprietary
power-optimized CPU. This CPU can read and monitor sensors or perform other tasks autonomously; thereby
significantly reducing power consumption and offloading the system CPU.
The Sensor Controller Engine is user-programmable with a simple programming language that has syntax
similar to C. This programmability allows for sensor polling and other tasks to be specified as sequential
algorithms rather than the static configuration of complex peripheral modules, timers, DMA, register
programmable state machines, or event routing.
The main advantages are:
• Flexibility—Data can be read and processed in unlimited manners while still ensuring ultra-low power.
• 2MHz low-power mode enables the lowest possible handling of digital sensors
• Dynamic reuse of hardware resources
• 40-bit accumulator supporting multiplication, addition, and shift
• Observability and debugging options
Sensor Controller Studio is used to write, test, and debug code for the Sensor Controller. The tool produces
C driver source code, which the System CPU application uses to control and exchange data with the Sensor
Controller. Typical use cases may be (but are not limited to) the following:
• Read analog sensors using integrated ADC or comparators
• Interface digital sensors using GPIOs, SPI, UART, or I2C (UART and I2C are bit-banged)
• Capacitive sensing
• Waveform generation
• Very low-power pulse counting (flow metering)
• Key scan
The peripherals in the Sensor Controller include the following:
www.ti.com
CC2674P10
SWRS269B – JUNE 2023 – REVISED FEBRUARY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
49
Product Folder Links: CC2674P10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com