Electronic Components Datasheet Search
  English  ▼

X  

TMP88CS38 Datasheet(PDF) 123 Page - Toshiba Semiconductor

Part # TMP88CS38
Description  8-bit single chip microcomputer
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP88CS38 Datasheet(HTML) 123 Page - Toshiba Semiconductor

Back Button TMP88CS38 Datasheet HTML 119Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 120Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 121Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 122Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 123Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 124Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 125Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 126Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 127Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 226 page
background image
TMP88CS38/CM38A/CP38A
2007-09-12
88CS38-123
AD Conversion Result Register
7
6
5
4
3
2
1
0
ADCDR1
(00031H)
AD07
AD06
AD05
AD04
AD03
AD02
AD01
AD00
(Initial value: 0000 0000)
7
6
5
4
3
2
1
0
ADCDR2
(00032H)
−
−
EOCF
ADBF
−
−
−
−
(Initial value: **00 ****)
EOCF
AD conversion end flag
0:
Under conversion or before conversion
1:
End of conversion
ADBF
AD conveersion busy flag
0:
During stop of AD conversion
1:
During AD conversion
Read
only
Note 1:
The EOCF is cleared to “0” when reading the ADCDR1.
Therefore, the AD conversion result should be read to ADCDR1 more first than ADCDR2.
Note 2:
ADBR is set to “1” by starting AD conversion and cleared to “0” by end of AD conversion. Additionally,
ADBF is cleared to “0” by setting AMD
= “00” in ADCCR2 or entering to the STOP mode.
Figure 2.11.3 AD Converter Result Register
2.11.3
AD Converter Operation
The high side of an analog reference voltage is applied to VDD, and the low side is
applied to VSS pin. Dividing a reference voltage between VDD and VSS to the voltage
corresponding to a bit by a rudder resistance and comparing it with the analog input
voltage converts the AD.
Table 2.11.1 AD Converter Operation Mode
Mode
Function
AD converter disable mode
AD converter stop mode. This mode is always used to change
modes.
Software start mode
Single AD conversion of 1 channel which specifies input.
Trigger start mode
Single AD conversion of 1 channel which specifies input
(AD8TRG) from Key-on wakeup circuit as a trigger.
2.11.4
Interrupt
Interrupt request signal occur at the timing when the EOCF bit is set to “1”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com