Electronic Components Datasheet Search
  English  ▼

X  

TMP88CS38 Datasheet(PDF) 124 Page - Toshiba Semiconductor

Part # TMP88CS38
Description  8-bit single chip microcomputer
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP88CS38 Datasheet(HTML) 124 Page - Toshiba Semiconductor

Back Button TMP88CS38 Datasheet HTML 120Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 121Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 122Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 123Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 124Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 125Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 126Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 127Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 128Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 226 page
background image
TMP88CS38/CM38A/CP38A
2007-09-12
88CS38-124
2.11.5
AD Converter Operation Modes
When the MCU places in the STOP mode during the AD conversion, the conversion is
stopped and the ADCDR2 content becomes indefinite. After returning from the STOP mode,
the EOCF and INTADC does not occur. Therefore, the AD conversion must be restarted
after returning from the STOP mode.
Figure 2.11.4 AD Conversion Timing chart
(1) AD conversion in STOP mode
When the AD converter stop mode is specified during AD conversion, the AD
conversion is stopped immediately. The AD conversion is not implemented, so the
undefined value is not written to the AD conversion result register. The AD conversion
start commands which occur is the AD converter stop mode are ignored.
This mode is automatically selected by reset.
This mode is used to change the AD converter operation mode.
(2) Single mode
When the AMD (Bit6, 5 to in ADCCRA) set to “01”, the AD conversion signal mode
This mode does AD conversion of single channel, and conversion result is stored in
ADCDR1. The EOCF (Bit5 in ADCDR2) is set to “1” at end of one conversion, and an
intcrrupt request signal occurs. The EOCF is cleared to “0” by reading the AD
conversion registers.
But when the AD conversion is restarted before the ADCDR is read, the EOCF is
cleared to “0” and the last AD conversion result is maintained till next conversion end.
Do not set ADRS (Bit7 in ADCCRA) during AD conversion. Again set it after
confirming with EOCF (Bit5 in ADCDR2) that the conversion is completed or after
generating an interrupt signal (INTADC) (by the interrupt processing routine or the
like).
Figure 2.11.5 Single Mode
Read Start
Read Start
Start
Invalid
Result
Result
Invalid
Invalid
ADS
ADCDR2
EOCF
Processing
Invalid
AD conversion result
ADS
ADCDR2
EOCF
Conversion time
(Reference to ADCCRB register)
ADBF
Start
Read



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com