Electronic Components Datasheet Search
  English  ▼

X  

TMP88CS38 Datasheet(PDF) 128 Page - Toshiba Semiconductor

Part # TMP88CS38
Description  8-bit single chip microcomputer
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP88CS38 Datasheet(HTML) 128 Page - Toshiba Semiconductor

Back Button TMP88CS38 Datasheet HTML 124Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 125Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 126Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 127Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 128Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 129Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 130Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 131Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 132Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 226 page
background image
TMP88CS38/CM38A/CP38A
2007-09-12
88CS38-128
IDLE Control Register
7
6
5
4
3
2
1
0
IDLECR
(00FD0H)
INTAD
EN
*
IDLE5
EN
IDLE4
EN
IDLE3
EN
IDLE2
EN
IDLE1
EN
IDLE0
EN
(Initial value: 0*00 0000)
INTADEN
Generation of
TRG
8
AD
0:
Disable
1:
Enable
IDLE5EN
Release IDLE mode by
5
KWU
0:
Disable
1:
Enable
IDLE4EN
Release IDLE mode by
4
KWU
0:
Disable
1:
Enable
IDLE3EN
Release IDLE mode by
3
KWU
0:
Disable
1:
Enable
IDLE2EN
Release IDLE mode by
2
KWU
0:
Disable
1:
Enable
IDLE1EN
Release IDLE mode by
1
KWU
0:
Disable
1:
Enable
IDLE0EN
Release IDLE mode by
0
KWU
0:
Disable
1:
Enable
Write
only
*: Don’t care
IDLE Port Monitoring Register
7
6
5
4
3
2
1
0
IDLEIN
(00FD0H)
*
*
IDLE5
IN
IDLE4
IN
IDLE3
IN
IDLE2
IN
IDLE1
IN
IDLE0
IN
(Initial value: **00 0000)
IDLE5IN
Input level of
5
KWU
0:
“0” detect
1:
“1” detect
IDLE4IN
Input level of
4
KWU
0:
“0” detect
1:
“1” detect
IDLE3IN
Input level of
3
KWU
0:
“0” detect
1:
“1” detect
IDLE2IN
Input level of
2
KWU
0:
“0” detect
1:
“1” detect
IDLE1IN
Input level of
1
KWU
0:
“0” detect
1:
“1” detect
IDLE0IN
Input level of
0
KWU
0:
“0” detect
1:
“1” detect
Read
only
*: Don’t care
Figure 2.12.2 Key-on Wakeup Control Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com