Electronic Components Datasheet Search
  English  ▼

X  

TMP88CS38 Datasheet(PDF) 131 Page - Toshiba Semiconductor

Part # TMP88CS38
Description  8-bit single chip microcomputer
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP88CS38 Datasheet(HTML) 131 Page - Toshiba Semiconductor

Back Button TMP88CS38 Datasheet HTML 127Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 128Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 129Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 130Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 131Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 132Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 133Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 134Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 135Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 226 page
background image
TMP88CS38/CM38A/CP38A
2007-09-12
88CS38-131
2.13.2
PWM Output Wave Form
(1) PWM0 to PWM1 Outputs
PWM0
and PWM1 output can be selected 12-bit or 14-bit resolution PWM outputs.
1. 12-bit resolution PWM output
When these are used as 12-bits PWM output, one period is TM = 213/fc [s] (When
DV1CK
= 0) and TM = 214/fc [s] (When DV1CK = 1) and sub period is TS = TM/16.
The lower 8 bits of the PWM data latch controls the low level pulse width with a
cycle of TS. The lower 8 bits of the PWM data latch is n (n = 1 to 255), the low level
pulse width with a cycle becomes n
× t0 [s] (t0 = 2/fc [s] when DV1CK = 0, t0 = 4/fc
[s] when DV1CK
= 1).
The upper 4 bits of the PWM data latch controls a position to output the
additional pulses. When the upper 4 bits of the PWM data latch is m, the
additional pulses are generated in each of m periods out of 16 periods contained in
a TM period.
The relationship between the 4-bit data and the position of TS period where the
additional pulses are generated is shown in Table 2.13.1.
Table 2.13.1 The Addition Pulse (12-bit mode)
Bit Position of the Lower 4 Bits of PWMDRxH
Bit11
Bit10
Bit9
Bit8
Relative position of TS in TM period where the additional
pulse is generated. (Number of TS (I) is listed)
a)
0
0
0
0
No additional pulse
b)
0
0
0
1
8
c)
0
0
1
0
4, 12
d)
0
1
0
0
2, 6, 10, 14
e)
1
0
0
0
1, 3, 5, 7, 9, 11, 13, 15
Note 1:
The bit positions of a) to e) can be combined.
Note 2:
If the low order eight bits for the PWM data latch are set to “FFH”, be sure to set the high order
four bits for this latch to “00H”.
2. 14-bit resolution PWM output
When these are used as 14-bit PWM output, one period is TM = 215/fc [s] (When
DV1CK
= 0) and TM = 216/fc [s] (When DV1CK = 1) and sub period is TS = TM/64.
The lower 8 bits of the PWM data latch controls the low level pulse width with a
cycle of TS. The lower 8 bits of the PWM data latch is n (n = 1 to 255), the low level
pulse width with a cycle becomes n
× t0 [s] (t0 = 2/fc [s] when DV1CK = 0, t0 = 4/fc
[s] when DV1CK
= 1).
The upper 6 bits of the PWM data latch controls a position to output the
additional pulses. When the upper 6 bits of the PWM data latch is m, the
additional pulses are generated in each of m periods out of 64 periods contained in
a TM period.
The relationship between the 6-bit data and the position of TS period where the
additional pulses are generated is shown in Table 2.13.2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com